Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1583T5-2-8 Datasheet(PDF) 3 Page - Exar Corporation

Part # SPX1583T5-2-8
Description  1.5A Ultra Low Dropout Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX1583T5-2-8 Datasheet(HTML) 3 Page - Exar Corporation

  SPX1583T5-2-8 Datasheet HTML 1Page - Exar Corporation SPX1583T5-2-8 Datasheet HTML 2Page - Exar Corporation SPX1583T5-2-8 Datasheet HTML 3Page - Exar Corporation SPX1583T5-2-8 Datasheet HTML 4Page - Exar Corporation SPX1583T5-2-8 Datasheet HTML 5Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D
ate: Jun 24-04
SPX1583
Note that TAB is internally connected to Pin 3.
BLOCK DIAGRAM
APPLICATIONS NOTES
The SPX1583 is designed as a high performance and low cost
solution for application requiring a lower dropout than
traditional NPN regulators.
The SPX1583 uses a separate input voltage VCTRL (VCTRL
VOUT+ 1.3V) to minimize the dropout voltage. This allows the
2.5V power for the load to come from a 3.3V system supply.
As added benefit this will reduce the heat dissipation, and
lower heatsink and cooling fan cost. A typical application
would use 5V for Vin and 3.3V for VCTRL from a motherboard
power supply to provide a nominal 2.5V output. Using the
sense pin allows to Kelvin measure the output, reducing
resistive-associated errors.
The SPX1583 can power the 2.5V core voltage for
microprocessors such as Pentium
, P55C, AMD5k86
and K6
 and the IBM PowerPC 603EV and 604EV
processors.
*The reduction of heat dissipation is a result of the increase of the regulator
efficiency (efficiency = VOUT / VIN).
Adjustable Regulator Design
1.25V reference voltage is being developed between the
SENSE pin and the ADJ pin of the SPX1583. Adding two
external resistors (see fig 1.) will allow setting the output
voltage from 1.25V to 6V. R1 is chosen so that this current is
specified minimum load current of 10mA. R2 is given by the
formula: VOUT = VREF (1+ R2/R1) + IADJ (R2). The current
flowing from the ADJ pin is typically 50
µA. This ADJ pin
contributes to the final VOUT but is usually neglected.
Connecting the sense pin to the top of the resistor divider will
improve load regulation.
Lowering Noise
Using the SENSE pin to Kelvin the load will increase accuracy
of the output voltage during load regulation. For the fixed
voltage devices, adding a capacitor at the GND pin will
improve transient response. This capacitor is chosen in the
range of 1
µF to 0.1µF and will depend on the amount of
output capacitance in the system.
PIN DESCRIPTION
1. Sense = Allows Kelvin sense of VOUT at the load. (Positive side of the reference voltage of the
device).
2. ADJ = Negative side of the reference voltage for the device. Adding a small bypass capacitor
from the ADJ pin to ground will improve the transient response.
3. VOUT = Power output of the device.
4. VCTRL = Supply pin for the control circuitry of the device. The current flow into this pin will be
about 1% of the output current. VCTRL must be between 1.0V and 1.3V greater than the output
voltage for the device to regulate.
5. VIN = Output load current is supplied through this pin. VIN must be between 0.1V and 0.8V
greater than the output voltage for the device to regulate.
(4) V
CTRL
V
IN (5)
S.O.A
V
OUT (3)
LIMIT
SENSE
CURRENT
LIMIT
AMPLIFIER
THERMAL OVERLOAD
VOLTAGE
REGULATION
AMPLIFIER
V
REF
SENSE (1)
ADJ (2)


Similar Part No. - SPX1583T5-2-8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1583T SIPEX-SPX1583T Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T SIPEX-SPX1583T Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-1.5 SIPEX-SPX1583T-1.5 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-1.5 SIPEX-SPX1583T-1.5 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583T-2.5 SIPEX-SPX1583T-2.5 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1583T5-2-8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152 Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com