Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06P8V5B Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # BZW06P8V5B
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW06P8V5B Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  BZW06P8V5B Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW06P8V5B Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW06P8V5B Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW06P8V5B Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
ELECTRICAL CHARACTERISTICSRating at 25 °C ambient temperature unless otherwise specified
BZW06P53B
58.9
68.2
1.0
53
1.0
7.1
85
325
BZW06-53B
58.9
65.1
1.0
53
1.0
7.1
85
325
BZW06P58B
64.6
74.8
1.0
58.1
1.0
6.5
92
313
BZW06-58B
64.6
71.4
1.0
58.1
1.0
6.5
92
313
BZW06P64B
71.3
82.5
1.0
64.1
1.0
5.8
103
288
BZW06-64B
71.3
78.8
1.0
64.1
1.0
5.8
103
288
BZW06P70B
77.9
90.2
1.0
70.1
1.0
5.3
113
275
BZW06-70B
77.9
86.1
1.0
70.1
1.0
5.3
113
275
BZW06P78B
86.5
100
1.0
77.8
1.0
4.8
125
263
BZW06-78B
86.5
95.5
1.0
77.8
1.0
4.8
125
263
BZW06P85B
95
110
1.0
85.8
1.0
4.4
137
250
BZW06-85B
95
105
1.0
85.8
1.0
4.4
137
250
BZW06P94B
105
121
1.0
94.0
1.0
3.9
152
235
BZW06-94B
105
116
1.0
94.0
1.0
3.9
152
235
BZW06P102B
114
132
1.0
102
1.0
3.6
165
225
BZW06-102B
114
126
1.0
102
1.0
3.6
165
225
BZW06P111B
124
143
1.0
111
1.0
3.4
179
210
BZW06-111B
124
137
1.0
111
1.0
3.4
179
210
BZW06P128B
143
165
1.0
128
1.0
2.9
207
200
BZW06-128B
143
158
1.0
128
1.0
2.9
207
200
BZW06P136B
152
176
1.0
136
1.0
2.7
219
190
BZW06-136B
152
168
1.0
136
1.0
2.7
219
190
BZW06P145B
161
187
1.0
145
1.0
2.6
234
185
BZW06-145B
161
179
1.0
145
1.0
2.6
234
185
BZW06P154B
171
198
1.0
154
1.0
2.4
246
180
BZW06-154B
171
189
1.0
154
1.0
2.4
246
180
BZW06P171B
190
220
1.0
171
1.0
2.2
274
175
BZW06-171B
190
210
1.0
171
1.0
2.2
274
175
BZW06P188B
209
242
1.0
188
1.0
2.0
301
165
BZW06-188B
209
231
1.0
188
1.0
2.0
301
165
BZW06P213B
237
275
1.0
213
1.0
1.8
344
155
BZW06-213B
237
263
1.0
213
1.0
1.8
344
155
BZW06P239B
266
308
1.0
239
1.0
1.7
384
150
BZW06-239B
266
294
1.0
239
1.0
1.7
384
150
BZW06P256B
285
330
1.0
256
1.0
1.6
414
145
BZW06-256B
285
315
1.0
256
1.0
1.6
414
145
BZW06P273B
304
352
1.0
273
1.0
1.6
436
140
BZW06-273B
304
336
1.0
273
1.0
1.6
436
140
BZW06P299B
332
285
1.0
299
1.0
1.6
482
135
BZW06-299B
332
368
1.0
299
1.0
1.6
482
135
BZW06P342B
380
440
1.0
342
1.0
1.3
548
180
BZW06-342B
380
420
1.0
342
1.0
1.3
548
180
BZW06P376B
418
484
1.0
376
1.0
1.3
603
175
BZW06-376B
418
462
1.0
376
1.0
1.3
603
175
Note:
( 1 ) Pulse test : tp < 50 ms.
Typical
Capaciyance
Ty p
(pF)
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
IPP(A)
IR(uA)
VC(V)
VBR MAX(V)
IT (mA)
e
www.sunmate.tw


Similar Part No. - BZW06P8V5B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZW06P8V5B EIC-BZW06P8V5B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
More results

Similar Description - BZW06P8V5B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE13A SUNMATE-P6KE13A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE9.1CA SUNMATE-P6KE9.1CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com