Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K5A3380YTC-T755 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K5A3380YTC-T755
Description  MCP MEMORY
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K5A3380YTC-T755 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K5A3380YTC-T755 Datasheet HTML 7Page - Samsung semiconductor K5A3380YTC-T755 Datasheet HTML 8Page - Samsung semiconductor K5A3380YTC-T755 Datasheet HTML 9Page - Samsung semiconductor K5A3380YTC-T755 Datasheet HTML 10Page - Samsung semiconductor K5A3380YTC-T755 Datasheet HTML 11Page - Samsung semiconductor K5A3380YTC-T755 Datasheet HTML 12Page - Samsung semiconductor K5A3380YTC-T755 Datasheet HTML 13Page - Samsung semiconductor K5A3380YTC-T755 Datasheet HTML 14Page - Samsung semiconductor K5A3380YTC-T755 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
MCP MEMORY
K5A3x80YT(B)C
Revision 0.0
November 2002
- 11 -
Preliminary
Flash DEVICE OPERATION
Byte/Word Mode
If the BYTEF ball is set at logical "1" , the device is in word mode, DQ0-DQ15 are active. Otherwise the BYTEF ball is set at logical "0"
, the device is in byte mode, DQ0-DQ7 are active. DQ8-DQ14 are in the High-Z state and DQ15 ball is used as an input for the LSB
(A-1) address ball.
Read Mode
Flash memory is controlled by Chip Enable (CEF), Output Enable (OE) and Write Enable (WE). When CEF and OE are low and WE
is high, the data stored at the specified address location,will be the output of the device. The outputs are in high impedance state
whenever CEF or OE is high.
Standby Mode
Flash memory features Stand-by Mode to reduce power consumption. This mode puts the device on hold when the device is dese-
lected by making CEF high (CEF = VIH). Refer to the DC characteristics for more details on stand-by modes.
Output Disable
The device outputs are disabled when OE is High (OE = VIH). The output balls are in high impedance state.
Automatic Sleep Mode
Flash memory features Automatic Sleep Mode to minimize the device power consumption. Since the device typically draws 5
µA of
current in Automatic Sleep Mode, this feature plays an extremely important role in battery-powered applications. When addresses
remain steady for tAA+50ns, the device automatically activates the Automatic Sleep Mode. In the sleep mode, output data is latched
and always available to the system. When addresses are changed, the device provides new data without wait time.
Data
Outputs
tAA + 50ns
Data
Auto Sleep Mode
Address
Data
Data
Data
Data
Autoselect Mode
Flash memory offers the Autoselect Mode to identify manufacturer and device type by reading a binary code. The Autoselect Mode
allows programming equipment to automatically match the device to be programmed with its corresponding programming algorithm.
In addition, this mode allows the verification of the status of write protected blocks. The manufacturer and device code can be read
via the command register. The Command Sequence is shown in Table 5 and Figure 3. The autoselect operation of block protect ver-
ification is initiated by first writing two unlock cycle. The third cycle must contain the bank address and autoselect command (90H). If
Block address while (A6, A1, A0) = (0,1,0) is finally asserted on the address ball, it will produce a logical "1" at the device output DQ0
to indicate a write protected block or a logical "0" at the device output DQ0 to indicate a write unprotected block. To terminate the
autoselect operation, write Reset command (F0H) into the command register.
Figure 2. Auto Sleep Mode Operation


Similar Part No. - K5A3380YTC-T755

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K5A3340YBC-T755 SAMSUNG-K5A3340YBC-T755 Datasheet
867Kb / 45P
   Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
K5A3340YBC-T855 SAMSUNG-K5A3340YBC-T855 Datasheet
867Kb / 45P
   Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
K5A3340YT SAMSUNG-K5A3340YT Datasheet
867Kb / 45P
   Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
K5A3340YTC-T755 SAMSUNG-K5A3340YTC-T755 Datasheet
867Kb / 45P
   Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
K5A3340YTC-T855 SAMSUNG-K5A3340YTC-T855 Datasheet
867Kb / 45P
   Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
More results

Similar Description - K5A3380YTC-T755

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K524G2GACB-A050 SAMSUNG-K524G2GACB-A050 Datasheet
1Mb / 94P
   MCP MEMORY
logo
SPANSION
S71PL129JC0 SPANSION-S71PL129JC0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
logo
Fujitsu Component Limit...
MB84VD23381FJ FUJITSU-MB84VD23381FJ Datasheet
827Kb / 54P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com