Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F168D Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74F168D
Description  SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F168D Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74F168D Datasheet HTML 2Page - Texas Instruments SN74F168D Datasheet HTML 3Page - Texas Instruments SN74F168D Datasheet HTML 4Page - Texas Instruments SN74F168D Datasheet HTML 5Page - Texas Instruments SN74F168D Datasheet HTML 6Page - Texas Instruments SN74F168D Datasheet HTML 7Page - Texas Instruments SN74F168D Datasheet HTML 8Page - Texas Instruments SN74F168D Datasheet HTML 9Page - Texas Instruments SN74F168D Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN74F168
SYNCHRONOUS 4BIT UP/DOWN DECADE COUNTER
SDFS057A − D2932, MARCH 1987 − REVISED OCTOBER 1993
2−7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
100
0
90
MHz
tw
Pulse duration
CLK high or low
5
5.5
ns
Data before CLK
High or low
4
4.5
LOAD before CLK
High or low
8
9
tsu
Setup time
ENP and ENT before CLK
High or low
5
6
ns
tsu
Setup time
U/D before CLK
High
11
12.5
ns
U/D before CLK
Low
16.5
18
Data after CLK
High or low
3
3.5
th
Hold time
LOAD after CLK
High or low
0
0
ns
th
Hold time
ENP and ENT after CLK
High or low
0
0
ns
U/D after CLK
High or low
0
0
switching characteristics (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL= 500 Ω,
TA = MIN to MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
fmax
100
115
90
MHz
tPLH
CLK
Q
2.2
6.1
8.5
2.2
9.5
ns
tPHL
CLK
Q
3.2
8.6
11.5
3.2
13
ns
tPLH
CLK
RCO
4.7
11.6
15.5
4.7
17
ns
tPHL
CLK
RCO
3.2
8.1
11
3.2
12.5
ns
tPLH
ENT
RCO
1.7
4.1
6
1.7
7
ns
tPHL
ENT
RCO
1.7
5.6
8
1.7
9
ns
tPLH
U/D
RCO
2.7
8.1
11
2.7
12.5
ns
tPHL
U/D
RCO
3.2
12.1
16
3.2
17.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 3: Load circuits and waveforms are shown in Section 1.


Similar Part No. - SN74F168D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
More results

Similar Description - SN74F168D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
NXP Semiconductors
HEF40192B PHILIPS-HEF40192B Datasheet
129Kb / 9P
   4-bit up/down decade counter
January 1995
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
   SYNCHRONOUS UP/DOWN DECADE COUNTER
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com