Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F1056DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F1056DR
Description  8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F1056DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74F1056DR Datasheet HTML 1Page - Texas Instruments SN74F1056DR Datasheet HTML 2Page - Texas Instruments SN74F1056DR Datasheet HTML 3Page - Texas Instruments SN74F1056DR Datasheet HTML 4Page - Texas Instruments SN74F1056DR Datasheet HTML 5Page - Texas Instruments SN74F1056DR Datasheet HTML 6Page - Texas Instruments SN74F1056DR Datasheet HTML 7Page - Texas Instruments SN74F1056DR Datasheet HTML 8Page - Texas Instruments SN74F1056DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74F1056
8-BIT SCHOTTKY BARRIER DIODE
BUS-TERMINATION ARRAY
SDFS085A – AUGUST 1992 – REVISED JULY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed to Reduce Reflection Noise
D Repetitive Peak Forward Current 300 mA
D 8-Bit Array Structure Suited for
Bus-Oriented Systems
description
This Schottky barrier diode bus-termination array
is designed to reduce reflection noise on memory
bus lines. This device consists of an 8-bit
high-speed Schottky diode array suitable for a
clamp to GND.
The SN74F1056 is characterized for operation
from 0
°C to 70°C.
schematic diagrams
1
2
3
4
7
8
9
10
1
2
3
4
5
6
7
8
6
5
15
14
13
12
11
10
GND
GND
GND
GND
GND
GND
GND
GND
D01
D02
D03
D04
D05
D06
D07
D08
D01
D02
D03
D04
D05
D06
D07
D08
SC Package
D Package
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SC PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D01
D02
D03
D04
D05
D06
D07
D08
NC
GND
GND
GND
GND
GND
GND
NC
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
D01
D02
D03
D04
GND
GND
D05
D06
D07
D08


Similar Part No. - SN74F1056DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1056D TI-SN74F1056D Datasheet
75Kb / 5P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results

Similar Description - SN74F1056DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1056 TI-SN74S1056 Datasheet
174Kb / 8P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1051 TI-SN74S1051 Datasheet
342Kb / 13P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053DBR TI-SN74S1053DBR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI1-SN74S1052_16 Datasheet
613Kb / 12P
[Old version datasheet]   16BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com