Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F2244DWR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F2244DWR
Description  25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F2244DWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74F2244DWR Datasheet HTML 1Page - Texas Instruments SN74F2244DWR Datasheet HTML 2Page - Texas Instruments SN74F2244DWR Datasheet HTML 3Page - Texas Instruments SN74F2244DWR Datasheet HTML 4Page - Texas Instruments SN74F2244DWR Datasheet HTML 5Page - Texas Instruments SN74F2244DWR Datasheet HTML 6Page - Texas Instruments SN74F2244DWR Datasheet HTML 7Page - Texas Instruments SN74F2244DWR Datasheet HTML 8Page - Texas Instruments SN74F2244DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74F2244
25 Ω OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SDFS095B − NOVEMBER 1993 − REVISED JANUARY 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D 3-State Outputs Drive Bus Lines or
Buffer-Memory Address Registers
D Package Options Include Plastic
Small-Outline (DW) Packages and
Standard Plastic (N) 300-mil DIPs
description
This octal buffer and line driver is designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters.
The 25-
Ω resistors in the lower output circuit
reduce ringing and eliminate the need for external
resistors.
The SN74F2244 is characterized for operation
from 0
°C to 70°C.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
OUTPUT
Y
L
H
H
L
LL
H
X
Z
Copyright
 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN74F2244DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2244DW TI-SN74F2244DW Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F2244DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI1-SN64BCT25244_15 Datasheet
136Kb / 8P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com