Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F2373 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F2373
Description  25-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F2373 Datasheet(HTML) 3 Page - Texas Instruments

  SN74F2373 Datasheet HTML 1Page - Texas Instruments SN74F2373 Datasheet HTML 2Page - Texas Instruments SN74F2373 Datasheet HTML 3Page - Texas Instruments SN74F2373 Datasheet HTML 4Page - Texas Instruments SN74F2373 Datasheet HTML 5Page - Texas Instruments SN74F2373 Datasheet HTML 6Page - Texas Instruments SN74F2373 Datasheet HTML 7Page - Texas Instruments SN74F2373 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74F2373
25-
Ω OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SDFS100 – JANUARY 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range, II
– 30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state, VO
– 0.5 V to 5.5 V
. . . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO
– 0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range,TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded if the input current ratings are observed.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–3
mA
IOL
Low-level output current
12
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
VCC =4 5V
IOH = – 1 mA
2.5
3.4
VOH
VCC = 4.5 V
IOH = – 3 mA
2.4
3.3
V
VCC = 4.75 V,
IOH = -1 mA to – 3 mA
2.7
VOL
VCC =4 5V
IOL = 1 mA
0.2
0.5
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.5
0.75
V
IOZ(H)
VCC = 5.5 V,
VO = 2.7 V
50
µA
IOZ(L)
VCC = 5.5 V,
VO = 0.5 V
–50
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
mA
IOS§
VCC = 5.5 V,
VO = 0
–60
– 150
mA
ICC(H)
VCC = 5.5 V,
See Note 2, Condition A
38
55
mA
ICC(L)
VCC = 5.5 V,
See Note 2, Condition B
46
66
mA
ICC(Z)
VCC = 5.5 V,
See Note 2, Condition C
43
62
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2:
ICC is measured with the outputs open under the following conditions:
A. OE at ground (0) and all other inputs at 4.5 V.
B. LE at 4.5 V and all other inputs grounded.
C. OE at 4.5 V and all other inputs grounded.


Similar Part No. - SN74F2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2373 TI-SN74F2373 Datasheet
92Kb / 6P
[Old version datasheet]   25-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74F2373DB TI-SN74F2373DB Datasheet
92Kb / 6P
[Old version datasheet]   25-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74F2373DW TI-SN74F2373DW Datasheet
92Kb / 6P
[Old version datasheet]   25-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74F2373N TI-SN74F2373N Datasheet
92Kb / 6P
[Old version datasheet]   25-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F2373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2373 TI-SN74F2373 Datasheet
92Kb / 6P
[Old version datasheet]   25-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com