Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ75 Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # 1.5SMCJ75
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1.5SMCJ75 Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  1.5SMCJ75 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1.5SMCJ75 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 1.5SMCJ75 Datasheet HTML 3Page - SUNMATE electronic Co., LTD 1.5SMCJ75 Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
440CA
440A
440C
440
400CA
400A
400C
400
350CA
350A
350C
350
300CA
300A
300C
300
250CA
250A
250C
250
220CA
220A
220C
220
200CA
200A
200C
200
180CA
180A
180C
180
170CA
170A
170C
170
160CA
160A
160C
160
150CA
150A
150C
150
130CA
130A
130C
130
120CA
120A
120C
120
110CA
110A
110C
110
100CA
100A
100C
100
91CA
91A
91C
91
82CA
82A
82C
82
75CA
75A
75C
75
68CA
68A
68C
68
62CA
62A
62C
62
RWM
RWM
1.5SMCJ440CA
1.5SMCJ440A
1.5SMCJ440C
1.5SMCJ440
1.5SMCJ400CA
1.5SMCJ400A
1.5SMCJ400C
1.5SMCJ400
1.5SMCJ350CA
1.5SMCJ350A
1.5SMCJ350C
1.5SMCJ350
1.5SMCJ300CA
1.5SMCJ300A
1.5SMCJ300C
1.5SMCJ300
1.5SMCJ250CA
1.5SMCJ250A
1.5SMCJ250C
1.5SMCJ250
1.5SMCJ220CA
1.5SMCJ220A
1.5SMCJ220C
1.5SMCJ220
1.5SMCJ200CA
1.5SMCJ200A
1.5SMCJ200C
1.5SMCJ200
1.5SMCJ180CA
1.5SMCJ180A
1.5SMCJ180C
1.5SMCJ180
1.5SMCJ170CA
1.5SMCJ170A
1.5SMCJ170C
1.5SMCJ170
1.5SMCJ160CA
1.5SMCJ160A
1.5SMCJ160C
1.5SMCJ160
1.5SMCJ150CA
1.5SMCJ150A
1.5SMCJ150C
1.5SMCJ150
1.5SMCJ130CA
1.5SMCJ130A
1.5SMCJ130C
1.5SMCJ130
1.5SMCJ120CA
1.5SMCJ120A
1.5SMCJ120C
1.5SMCJ120
1.5SMCJ110CA
1.5SMCJ110A
1.5SMCJ110C
1.5SMCJ110
1.5SMCJ100CA
1.5SMCJ100A
1.5SMCJ100C
1.5SMCJ100
1.5SMCJ91CA
1.5SMCJ91A
1.5SMCJ91C
1.5SMCJ91
1.5SMCJ82CA
1.5SMCJ82A
1.5SMCJ82C
1.5SMCJ82
1.5SMCJ75CA
1.5SMCJ75A
1.5SMCJ75C
1.5SMCJ75
1.5SMCJ68CA
1.5SMCJ68A
1.5SMCJ68C
1.5SMCJ68
1.5SMCJ62CA
1.5SMCJ62A
1.5SMCJ62C
1.5SMCJ62
3 of 4
1.0
1.0
1.0
66.4
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
73.8
90.2
1.0
118
12.9
5.0
70.1
77.9
86.1
113
13.5
5.0
73.7
81.9
100
1.0
131
11.6
5.0
77.8
86.5
95.5
125
12.2
5.0
81.0
90.0
110
144
10.6
5.0
85.5
95.0
105
1.0
137
11.1
5.0
89.2
99.0
121
1.0
158
9.6
5.0
94.0
105
116
1.0
152
10.0
5.0
97.2
108
132
1.0
173
8.7
5.0
102
114
126
1.0
165
9.2
5.0
105
117
143
1.0
187
8.1
5.0
111
124
137
1.0
179
8.5
5.0
121
135
165
1.0
215
7.1
5.0
128
143
158
1.0
207
7.3
5.0
130
144
176
1.0
230
6.6
5.0
136
152
168
1.0
219
6.9
5.0
138
153
187
1.0
244
6.2
5.0
145
162
179
1.0
234
6.5
5.0
146
162
198
1.0
258
5.9
5.0
154
171
189
1.0
246
6.2
5.0
162
180
220
1.0
287
5.3
5.0
171
190
210
1.0
274
5.5
5.0
175
198
242
1.0
344
4.4
5.0
185
209
231
1.0
328
4.6
5.0
202
225
275
1.0
360
4.2
5.0
214
237
263
1.0
344
4.4
5.0
243
270
330
1.0
430
3.5
5.0
256
285
315
1.0
414
3.7
5.0
284
315
385
1.0
504
3.0
5.0
300
333
368
1.0
482
3.2
5.0
324
360
440
1.0
574
2.6
5.0
342
380
420
1.0
548
2.8
5.0
356
396
484
1.0
631
2.4
5.0
376
418
462
1.0
600
2.5
5.0
TYPE
50.2
55.1
55.8
68.2
1.0
89.0
17.1
5.0
53.0
58.9
65.1
85.0
17.9
5.0
61.2
74.8
1.0
98.0
13.5
5.0
58.1
64.6
71.4
92.0
16.5
5.0
60.7
67.5
82.5
108
14.1
5.0
64.1
71.3
78.8
103
14.8
5.0
1.0
1.0
1.0
1.0
www.sunmate.tw
(BI)
(UNI)
(BI)
(UNI)
Marking


Similar Part No. - 1.5SMCJ75

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ75 PANJIT-1.5SMCJ75 Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ75 WTE-1.5SMCJ75 Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ75 DIOTEC-1.5SMCJ75 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5SMCJ75 WTE-1.5SMCJ75 Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ75 PANJIT-1.5SMCJ75 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5SMCJ75

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com