Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74FB2031RC Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74FB2031RC
Description  9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74FB2031RC Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74FB2031RC Datasheet HTML 3Page - Texas Instruments SN74FB2031RC Datasheet HTML 4Page - Texas Instruments SN74FB2031RC Datasheet HTML 5Page - Texas Instruments SN74FB2031RC Datasheet HTML 6Page - Texas Instruments SN74FB2031RC Datasheet HTML 7Page - Texas Instruments SN74FB2031RC Datasheet HTML 8Page - Texas Instruments SN74FB2031RC Datasheet HTML 9Page - Texas Instruments SN74FB2031RC Datasheet HTML 10Page - Texas Instruments SN74FB2031RC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN74FB2031
9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SCBS176N – NOVEMBER 1991 – REVISED JUNE 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR A OUTPUTS
S1
500
500
From Output
Under Test
LOAD CIRCUIT FOR B OUTPUTS
2.1 V
16.5
CL = 30 pF
(see Note A)
Test
Point
tPHL
tPLH
Output
3 V
0 V
VOH
VOL
Data Input
Timing Input
3 V
0 V
0 V
tPHL
tPLH
2 V
1 V
VOH
VOL
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (B TO A)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (A TO B)
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPLZ
tPZH
tPZL
tPHZ
3.5 V
0 V
VOL + 0.3 V
VOH – 0.3 V
≈0 V
3 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES (A PORT)
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: TTL inputs: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns,
tf ≤ 2.5 ns; BTL inputs: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
7 V
Open
1.5 V
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
Input
1.5 V
1.5 V
1.55 V
1.55 V
Output
Input
1.5 V
1.5 V
1.55 V
1.55 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
GND
th
tsu
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - SN74FB2031RC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2031RC TI-SN74FB2031RC Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
More results

Similar Description - SN74FB2031RC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74FB2031 TI-SN74FB2031 Datasheet
112Kb / 8P
[Old version datasheet]   9-BIT TTL/BTL ADDRESS/DATA TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
National Semiconductor ...
DS3883A NSC-DS3883A Datasheet
130Kb / 9P
   BTL 9-Bit Data Transceiver
DS3886A NSC-DS3886A Datasheet
187Kb / 11P
   BTL 9-Bit Latching Data Transceiver
logo
NXP Semiconductors
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
logo
Texas Instruments
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
DS38C86A TI1-DS38C86A Datasheet
203Kb / 12P
[Old version datasheet]   DS38C86A CMOS BTL 9-Bit Latching Data Transceiver
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com