Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ160A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # SMDJ160A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMDJ160A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  SMDJ160A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMDJ160A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMDJ160A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMDJ160A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
PFU
DFU
45.0
50.00
61.10
1
80.3
37.36
5
PFV
DFV
45.0
50.00
55.30
1
72.7
41.27
5
PFW
DFW
48.0
53.30
65.10
1
85.5
35.09
5
PFX
DFX
48.0
53.30
58.90
1
77.4
38.76
5
PFY
DFY
51.0
56.70
69.30
1
91.1
32.93
5
PFZ
DFZ
51.0
56.70
62.70
1
82.4
36.41
5
RGD
DGD
54.0
60.00
73.30
1
96.3
31.15
5
RGE
DGE
54.0
60.00
66.30
1
87.1
34.44
5
RGF
DGF
58.0
64.40
78.70
1
103.0
29.13
5
PGG
DGG
58.0
64.40
71.20
1
93.6
32.05
5
RGH
DGH
60.0
66.70
81.50
1
107.0
28.04
5
PGK
DGK
60.0
66.70
73.70
1
96.8
30.99
5
PGL
DGL
64.0
71.10
86.90
1
114.0
26.32
5
PGM
DGM
64.0
71.10
78.60
1
103.0
29.13
5
PGN
DGN
70.0
77.80
95.10
1
125.0
24.00
5
PGP
DGP
70.0
77.80
86.00
1
113.0
26.55
5
PGQ
DGQ
75.0
83.30
102.00
1
134.0
22.39
5
PGR
DGR
75.0
83.30
92.10
1
121.0
24.79
5
PGS
DGS
78.0
86.70
106.00
1
139.0
21.58
5
PGT
DGT
78.0
86.70
95.80
1
126.0
23.81
5
PGA
DGA
80.0
88.96
108.80
1
143.2
20.95
5
PGB
DGB
80.0
88.80
97.60
1
129.6
23.15
5
PGU
DGU
85.0
94.40
115.00
1
151.0
19.87
5
PGV
DGV
85.0
94.40
104.00
1
137.0
21.90
5
PGW
DGW
90.0
100.00
122.00
1
160.0
18.75
5
PGX
DGX
90.0
100.00
111.00
1
146.0
20.55
5
PGY
DGY
100.0
111.00
136.00
1
179.0
16.76
5
PGZ
DGZ
100.0
111.00
123.00
1
162.0
18.52
5
PHD
DHD
110.0
122.00
149.00
1
196.0
15.31
5
PHE
DHE
110.0
122.00
135.00
1
177.0
16.95
5
PHF
DHF
120.0
133.00
163.00
1
214.0
14.02
5
PHG
DHG
120.0
133.00
147.00
1
193.0
15.54
5
PHH
DHH
130.0
144.00
176.00
1
231.0
12.99
5
PHK
DHK
130.0
144.00
159.00
1
209.0
14.35
5
PHA
DHA
140.0
155.68
190.40
1
250.6
11.97
5
PHB
DHB
140.0
155.00
171.00
1
226.8
13.23
5
PHL
DHL
150.0
167.00
204.00
1
268.0
11.19
5
PHM
DHM
150.0
167.00
185.00
1
243.0
12.35
5
PHN
DHN
160.0
178.00
218.00
1
287.0
10.45
5
PHP
DHP
160.0
178.00
197.00
1
259.0
11.58
5
PHQ
DHQ
170.0
189.00
231.00
1
304.0
9.87
5
PHR
DHR
170.0
189.00
209.00
1
275.0
10.91
5
PHS
DHS
180.0
201.00
244.80
1
322.2
9.31
5
PHT
DHT
180.0
201.00
220.00
1
291.6
10.29
5
PHU
DHU
190.0
211.21
258.40
1
340.1
8.82
5
PHV
DHV
190.0
211.00
232.00
1
307.8
9.75
5
PHW
DHW
200.0
224.00
247.00
1
324.0
9.26
5
PHX
DHX
220.0
246.00
272.00
1
356.0
8.43
5
PHZ
DHZ
250.0
279.00
309.00
1
405.0
7.41
5
PJE
DJE
300.0
335.00
371.00
1
486.0
6.17
5
PJG
DJG
350.0
391.00
432.00
1
567.0
5.29
5
PJK
DJK
400.0
447.00
494.00
1
648.0
4.63
5
PJM
DJM
440.0
492.00
543.00
1
713.0
4.21
5
N
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10%
tolerance de vice
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Marking
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
(Uni)
(Bi)
V
(V)
VBR MIN(V)
VBR MAX(V)
T (mA)
VC(V)
IPP(A)
IR(uA)
TYPE
(Uni)
(Bi)
www.sunmate.tw
I
SMDJ45
SMDJ45A
SMDJ48
SMDJ48A
SMDJ51
SMDJ51A
SMDJ54
SMDJ54A
SMDJ58
SMDJ58A
SMDJ60
SMDJ60A
SMDJ64
SMDJ64A
SMDJ70
SMDJ70A
SMDJ75
SMDJ75A
SMDJ78
SMDJ78A
SMDJ80
SMDJ80A
SMDJ85
SMDJ85A
SMDJ90
SMDJ90A
SMDJ100
SMDJ100A
SMDJ110
SMDJ110A
SMDJ120
SMDJ120A
SMDJ130
SMDJ130A
SMDJ140
SMDJ140A
SMDJ150
SMDJ150A
SMDJ160
SMDJ160A
SMDJ170
SMDJ170A
SMDJ180
SMDJ180A
SMDJ190
SMDJ190A
SMDJ200A
SMDJ220A
SMDJ250A
SMDJ300A
SMDJ350A
SMDJ400A
SMDJ440A
ote:
SMDJ45C
SMDJ45CA
SMDJ48C
SMDJ48CA
SMDJ51C
SMDJ51CA
SMDJ54C
SMDJ54CA
SMDJ58C
SMDJ58CA
SMDJ60C
SMDJ60CA
SMDJ64C
SMDJ64CA
SMDJ70C
SMDJ70CA
SMDJ75C
SMDJ75CA
SMDJ78C
SMDJ78CA
SMDJ80C
SMDJ80CA
SMDJ85C
SMDJ85CA
SMDJ90C
SMDJ90CA
SMDJ100C
SMDJ100CA
SMDJ110C
SMDJ110CA
SMDJ120C
SMDJ120CA
SMDJ130C
SMDJ130CA
SMDJ140C
SMDJ140CA
SMDJ150C
SMDJ150CA
SMDJ160C
SMDJ160CA
SMDJ170C
SMDJ170CA
SMDJ180C
SMDJ180CA
SMDJ190C
SMDJ190CA
SMDJ200CA
SMDJ220CA
SMDJ250CA
SMDJ300CA
SMDJ350CA
SMDJ400CA
SMDJ440CA


Similar Part No. - SMDJ160A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ160A ETC1-SMDJ160A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
DONGGUAN YOU FENG WEI E...
SMDJ160A YFWDIODE-SMDJ160A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Microdiode Electronics ...
SMDJ160A CHENDA-SMDJ160A Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMDJ160A MDE-SMDJ160A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
SMDJ160A SEMITECH-SMDJ160A Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
More results

Similar Description - SMDJ160A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF11A SUNMATE-MMF11A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24A SUNMATE-MMF24A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24CA SUNMATE-MMF24CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF28CA SUNMATE-MMF28CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF36CA SUNMATE-MMF36CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB11CA SUNMATE-1SMB11CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB51CA SUNMATE-1SMB51CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB85A SUNMATE-1SMB85A Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ120A SUNMATE-SMAJ120A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ150CA SUNMATE-SMAJ150CA Datasheet
787Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMA5J22CA SUNMATE-SMA5J22CA Datasheet
749Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com