Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AS194 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54AS194
Description  4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS194 Datasheet(HTML) 1 Page - Texas Instruments

  SN54AS194_14 Datasheet HTML 1Page - Texas Instruments SN54AS194_14 Datasheet HTML 2Page - Texas Instruments SN54AS194_14 Datasheet HTML 3Page - Texas Instruments SN54AS194_14 Datasheet HTML 4Page - Texas Instruments SN54AS194_14 Datasheet HTML 5Page - Texas Instruments SN54AS194_14 Datasheet HTML 6Page - Texas Instruments SN54AS194_14 Datasheet HTML 7Page - Texas Instruments SN54AS194_14 Datasheet HTML 8Page - Texas Instruments SN54AS194_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54AS194, SN74AS194
4BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
SDAS212A − DECEMBER 1983 − REVISED DECEMBER 1994
Copyright
1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Parallel-to-Serial, Serial-to-Parallel
Conversions
Left or Right Shifts
Parallel Synchronous Loading
Direct Overriding Clear
Temporary Data-Latching Capability
Package Options Include Plastic
Small-Outline Packages (D), Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These 4-bit bidirectional universal shift registers
feature parallel outputs, right-shift and left-shift
serial (SR SER, SL SER) inputs, operating-
mode-control (S0, S1) inputs, and a direct
overriding clear (CLR) line. The registers have
four distinct modes of operation:
Inhibit clock (temporary data latch/do nothing)
Shift right (in the direction Q
A toward QD)
Shift left (in the direction Q
D toward QA)
Parallel (broadside) load
Parallel synchronous loading is accomplished by
applying the four bits of data and taking both S0
and S1 high. The data is loaded into the
associated flip-flops and appears at the outputs
after the positive transition of the clock (CLK)
input. During loading, serial data flow is inhibited.
Shift right is accomplished synchronously with the rising edge of the clock pulse when S0 is high and S1 is low.
Serial data for this mode is entered at the shift-right data input. When S0 is low and S1 is high, data shifts left
synchronously and new data is entered at the shift-left serial inputs. Clocking of the flip-flop is inhibited when
both mode-control inputs are low.
The SN54AS194 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
SN74AS194 is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
SR SER
A
B
C
D
SL SER
GND
VCC
QA
QB
QC
QD
CLK
S1
S0
SN54AS194 ...J PACKAGE
SN74AS194 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
QB
QC
NC
QD
CLK
A
B
NC
C
D
NC − No internal connection
SN54AS194 ...FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54AS194_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS194FK TI-SN54AS194FK Datasheet
123Kb / 8P
[Old version datasheet]   SN54AS181B SN74AS181A
SN54AS194J TI-SN54AS194J Datasheet
123Kb / 8P
[Old version datasheet]   SN54AS181B SN74AS181A
More results

Similar Description - SN54AS194_14

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS194A HITACHI-HD74LS194A Datasheet
97Kb / 7P
   4-bit Bidirectional Universal Shift Registers
logo
Texas Instruments
SN54194 TI1-SN54194_15 Datasheet
462Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
logo
National Semiconductor ...
DM54194 NSC-DM54194 Datasheet
121Kb / 6P
   4-Bit Bidirectional Universal Shift Registers
DM54S194 NSC-DM54S194 Datasheet
128Kb / 6P
   4-Bit Bidirectional Universal Shift Registers
logo
Texas Instruments
SN54194 TI-SN54194 Datasheet
454Kb / 11P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTERS
logo
National Semiconductor ...
MM74HC194 NSC-MM74HC194 Datasheet
135Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
HEF40194B PHILIPS-HEF40194B Datasheet
73Kb / 8P
   4-bit bidirectional universal shift register
January 1995
logo
Motorola, Inc
MC74F194 MOTOROLA-MC74F194 Datasheet
97Kb / 3P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
74F194 FAIRCHILD-74F194_04 Datasheet
66Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Renesas Technology Corp
HD74LS194A RENESAS-HD74LS194A Datasheet
192Kb / 8P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com