Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AS808B Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54AS808B
Description  HEX 2-INPUT AND DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS808B Datasheet(HTML) 3 Page - Texas Instruments

  SN54AS808B_16 Datasheet HTML 1Page - Texas Instruments SN54AS808B_16 Datasheet HTML 2Page - Texas Instruments SN54AS808B_16 Datasheet HTML 3Page - Texas Instruments SN54AS808B_16 Datasheet HTML 4Page - Texas Instruments SN54AS808B_16 Datasheet HTML 5Page - Texas Instruments SN54AS808B_16 Datasheet HTML 6Page - Texas Instruments SN54AS808B_16 Datasheet HTML 7Page - Texas Instruments SN54AS808B_16 Datasheet HTML 8Page - Texas Instruments SN54AS808B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54AS808B, SN74AS808B
HEX 2INPUT AND DRIVERS
SDAS018C − DECEMBER 1982 − REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54AS808B
SN74AS808B
UNIT
MIN
MAX
MIN
MAX
tPLH
A or B
Y
1
6.5
1
6
ns
tPHL
A or B
Y
1
6.5
1
6
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN54AS808B_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS808BFK TI-SN54AS808BFK Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
SN54AS808BJ TI-SN54AS808BJ Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
More results

Similar Description - SN54AS808B_16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F808 PHILIPS-74F808 Datasheet
74Kb / 8P
   Hex 2-input AND drivers
1991 Jan 02
logo
Texas Instruments
SN54AS808B TI-SN54AS808B Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
SN54ALS805A TI-SN54ALS805A Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
74F832 PHILIPS-74F832 Datasheet
73Kb / 8P
   Hex 2-input OR drivers
1991 Jan 02
logo
Texas Instruments
SN54ALS1804A TI-SN54ALS1804A Datasheet
59Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804A TI-SN54ALS804A Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com