Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS808B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS808B
Description  HEX 2-INPUT AND DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS808B Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AS808B Datasheet HTML 5Page - Texas Instruments SN74AS808B Datasheet HTML 6Page - Texas Instruments SN74AS808B Datasheet HTML 7Page - Texas Instruments SN74AS808B Datasheet HTML 8Page - Texas Instruments SN74AS808B Datasheet HTML 9Page - Texas Instruments SN74AS808B Datasheet HTML 10Page - Texas Instruments SN74AS808B Datasheet HTML 11Page - Texas Instruments SN74AS808B Datasheet HTML 12Page - Texas Instruments SN74AS808B Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
18X 1.27
20X 0.51
0.31
2X
11.43
TYP
0.33
0.10
0 - 8
0.3
0.1
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
13.0
12.6
B
7.6
7.4
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.43 mm per side.
5. Reference JEDEC registration MS-013.
1
20
0.25
C A B
11
10
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.200


Similar Part No. - SN74AS808B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS808B TI-SN74AS808B Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
SN74AS808BDW TI-SN74AS808BDW Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
SN74AS808BN TI-SN74AS808BN Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
More results

Similar Description - SN74AS808B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F808 PHILIPS-74F808 Datasheet
74Kb / 8P
   Hex 2-input AND drivers
1991 Jan 02
logo
Texas Instruments
SN54AS808B TI-SN54AS808B Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
SN54ALS805A TI-SN54ALS805A Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
74F832 PHILIPS-74F832 Datasheet
73Kb / 8P
   Hex 2-input OR drivers
1991 Jan 02
logo
Texas Instruments
SN54ALS1804A TI-SN54ALS1804A Datasheet
59Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804A TI-SN54ALS804A Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com