Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2244 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT2244
Description  OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT2244 Datasheet(HTML) 4 Page - Texas Instruments

  SN74BCT2244 Datasheet HTML 1Page - Texas Instruments SN74BCT2244 Datasheet HTML 2Page - Texas Instruments SN74BCT2244 Datasheet HTML 3Page - Texas Instruments SN74BCT2244 Datasheet HTML 4Page - Texas Instruments SN74BCT2244 Datasheet HTML 5Page - Texas Instruments SN74BCT2244 Datasheet HTML 6Page - Texas Instruments SN74BCT2244 Datasheet HTML 7Page - Texas Instruments SN74BCT2244 Datasheet HTML 8Page - Texas Instruments SN74BCT2244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54BCT2244, SN74BCT2244
OCTAL BUFFERS AND LINE/MOS DRIVERS
WITH 3-STATE OUTPUTS
SCBS017D − SEPTEMBER 1988 − REVISED MARCH 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT2244
SN74BCT2244
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
V
V
45V
IOH = −1 mA
2.4
2.4
V
VOH
VCC = 4.5 V
IOH = −12 mA
2
2
V
V
V
45V
IOL = 1 mA
0.15
0.5
0.15
0.5
V
VOL
VCC = 4.5 V
IOL = 12 mA
0.35
0.8
0.35
0.8
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
μA
IIL
VCC = 5.5 V,
VI = 0.5 V
−1
−1
mA
IOZH
VCC = 5.5 V,
VO = 2.7 V
50
50
μA
IOZL
VCC = 5.5 V,
VO = 0.5 V
−50
−50
μA
IOS‡
VCC = 5.5 V,
VO = 0
−100
−225
−100
−225
mA
ICCH
VCC = 5.5 V,
Outputs open
23
37
23
37
mA
ICCL
VCC = 5.5 V,
Outputs open
53
77
53
77
mA
ICCZ
VCC = 5.5 V,
Outputs open
6.5
10
6.5
10
mA
Ci
VCC = 5 V,
VI = 2.5 V or 0.5 V
6
6
pF
Co
VCC = 5 V,
VO = 2.5 V or 0.5 V
11
11
pF
All typical values are at VCC = 5 V, TA = 25°C.
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54BCT2244
SN74BCT2244
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
0.5
3
4.4
0.5
5.2
0.5
4.9
ns
tPHL
A
Y
1.6
4.6
6.3
1.6
7.1
1.6
6.7
ns
tPZH
OE
Y
2.4
6.1
7.7
2.4
9.1
2.4
8.7
ns
tPZL
OE
Y
3.9
7.6
9.4
3.9
10.8
3.9
10.4
ns
tPHZ
OE
Y
1.7
5.2
6.9
1.7
8.1
1.7
7.8
ns
tPLZ
OE
Y
2.8
6.5
8.3
2.8
10.9
2.8
9.8
ns
PARAMETER MEASUREMENT INFORMATION


Similar Part No. - SN74BCT2244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2244 TI-SN74BCT2244 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244DW TI-SN74BCT2244DW Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244DW TI-SN74BCT2244DW Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244DWE4 TI-SN74BCT2244DWE4 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244DWR TI-SN74BCT2244DWR Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT2244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI-SN54ABT2244A Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240 TI1-SN54BCT2240_15 Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2241 TI-SN54ABT2241 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI1-SN54ABT2244A_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com