Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54BCT2240W Datasheet(PDF) 10 Page - Texas Instruments

Part # SNJ54BCT2240W
Description  OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54BCT2240W Datasheet(HTML) 10 Page - Texas Instruments

Back Button SNJ54BCT2240W Datasheet HTML 3Page - Texas Instruments SNJ54BCT2240W Datasheet HTML 4Page - Texas Instruments SNJ54BCT2240W Datasheet HTML 5Page - Texas Instruments SNJ54BCT2240W Datasheet HTML 6Page - Texas Instruments SNJ54BCT2240W Datasheet HTML 7Page - Texas Instruments SNJ54BCT2240W Datasheet HTML 8Page - Texas Instruments SNJ54BCT2240W Datasheet HTML 9Page - Texas Instruments SNJ54BCT2240W Datasheet HTML 10Page - Texas Instruments SNJ54BCT2240W Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


Similar Part No. - SNJ54BCT2240W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54BCT2244FK TI-SNJ54BCT2244FK Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SNJ54BCT2244FK TI-SNJ54BCT2244FK Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SNJ54BCT2244FK TI1-SNJ54BCT2244FK Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SNJ54BCT2244J TI-SNJ54BCT2244J Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SNJ54BCT2244J TI-SNJ54BCT2244J Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54BCT2240W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI-SN54ABT2244A Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2241 TI-SN54ABT2241 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI1-SN54ABT2244A_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI1-SN54BCT2244_16 Datasheet
699Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com