Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74BCT2244N Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT2244N
Description  OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT2244N Datasheet(HTML) 5 Page - Texas Instruments

  SN74BCT2244N Datasheet HTML 1Page - Texas Instruments SN74BCT2244N Datasheet HTML 2Page - Texas Instruments SN74BCT2244N Datasheet HTML 3Page - Texas Instruments SN74BCT2244N Datasheet HTML 4Page - Texas Instruments SN74BCT2244N Datasheet HTML 5Page - Texas Instruments SN74BCT2244N Datasheet HTML 6Page - Texas Instruments SN74BCT2244N Datasheet HTML 7Page - Texas Instruments SN74BCT2244N Datasheet HTML 8Page - Texas Instruments SN74BCT2244N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN54BCT2244, SN74BCT2244
OCTAL BUFFERS AND LINE/MOS DRIVERS
WITH 3-STATE OUTPUTS
SCBS017D − SEPTEMBER 1988 − REVISED MARCH 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, tr = tf ≤ 2.5 ns, duty cycle = 50%.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one transition per measurement.
E. When measuring propagation delay times of 3-state outputs, switch S1 is open.
F. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
Test
Point
R1
CL
(see Note A)
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
LOAD CIRCUIT FOR
3-STATE AND OPEN-COLLECTOR OUTPUTS
R1
S1
7 V (tPZL, tPLZ, O.C.)
Open
(all others)
From Output
Under Test
Test
Point
R2
CL
(see Note A)
RL = R1 = R2
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing Input
(see Note B)
Data Input
(see Note B)
1.5 V
1.5 V
3 V
3 V
0 V
0 V
High-Level
Pulse
(see Note B)
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATION
1.5 V
1.5 V
tPHL
tPLH
tPLH
tPHL
Input
(see Note B)
Out-of-Phase
Output
(see Note D)
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
VOL
VOH
VOH
VOL
In-Phase
Output
(see Note D)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (see Note D)
tPHZ
tPLZ
0.3 V
tPZL
tPZH
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
Output
Control
(low-level enable)
Waveform 1
(see Notes C and D)
Waveform 2
(see Notes C and D)
0 V
VOH
VOL
3.5 V
0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74BCT2244N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT2244N TI-SN74BCT2244N Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244N TI-SN74BCT2244N Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244NSR TI-SN74BCT2244NSR Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244NSR TI-SN74BCT2244NSR Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2244NSRE4 TI-SN74BCT2244NSRE4 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT2244N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT2240 TI-SN54BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI-SN54ABT2240A Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244 TI-SN54ABT2244 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2240A TI1-SN54ABT2240A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI-SN54ABT2244A Datasheet
117Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244 Datasheet
492Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2244 TI-SN54BCT2244_08 Datasheet
664Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT2240 TI1-SN54BCT2240_15 Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2241 TI-SN54ABT2241 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2244A TI1-SN54ABT2244A_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com