Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F242N Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F242N
Description  QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F242N Datasheet(HTML) 1 Page - Texas Instruments

  SN74F242N Datasheet HTML 1Page - Texas Instruments SN74F242N Datasheet HTML 2Page - Texas Instruments SN74F242N Datasheet HTML 3Page - Texas Instruments SN74F242N Datasheet HTML 4Page - Texas Instruments SN74F242N Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN54F242, SN74F242
QUADRUPLE BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SDFS062A − D2932, MARCH 1987 − REVISED OCTOBER 1993
Copyright
1993, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Asynchronous Communication Between
Data Buses
Local Bus-Latch Capability
Inverting Logic
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs
description
These quadruple bus transceivers are designed
for asynchronous communications between data
buses. The control function implementation allows
for maximum flexibility in timing. These devices
allow data transmission from the A bus to the
B bus or from the B bus to the A bus depending
upon the logic levels at the output-enable (OEBA
and OEAB) inputs. The output-enable inputs can
be used to disable the device so that the buses are
effectively isolated.
The
dual-enable
configuration
gives
the
quadruple bus transceivers the capability to store
data by simultaneous enabling of OEBA and
OEAB. Each output reinforces its input in this
transceiver configuration. Thus, when both control
inputs are enabled and all other data sources to
the two sets of bus lines are at high impedance,
both sets of bus lines (eight in all) remain at their
states. The 4-bit codes appearing on the two sets
of buses will be complementary for the
′F242.
The SN54F242 is characterized for operation over the full military temperature range of − 55
°C to 125°C. The
SN74F242 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
FUNCTION
OEAB
OEBA
FUNCTION
L
L
A to B
H
HB to A
H
L
Isolation
L
H
Latch A and B
(A = B)
SN54F242 ...J PACKAGE
SN74F242 ...D OR N PACKAGE
(TOP VIEW)
SN54F242 . . . FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
NC
B1
NC
B2
A1
NC
A2
NC
A3
NC − No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OEAB
NC
A1
A2
A3
A4
GND
VCC
OEBA
NC
B1
B2
B3
B4
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F242N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F242 TI-SN74F242 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F242N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F242 TI-SN54F242 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS243A TI1-SN54ALS243A_15 Datasheet
346Kb / 11P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F243 TI1-SN54F243_08 Datasheet
90Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS243A TI-SN54ALS243A Datasheet
85Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Hitachi Semiconductor
HD74LS243 HITACHI-HD74LS243 Datasheet
55Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com