Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT3253C Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74CBT3253C
Description  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3253C Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT3253C_15 Datasheet HTML 1Page - Texas Instruments SN74CBT3253C_15 Datasheet HTML 2Page - Texas Instruments SN74CBT3253C_15 Datasheet HTML 3Page - Texas Instruments SN74CBT3253C_15 Datasheet HTML 4Page - Texas Instruments SN74CBT3253C_15 Datasheet HTML 5Page - Texas Instruments SN74CBT3253C_15 Datasheet HTML 6Page - Texas Instruments SN74CBT3253C_15 Datasheet HTML 7Page - Texas Instruments SN74CBT3253C_15 Datasheet HTML 8Page - Texas Instruments SN74CBT3253C_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74CBT3253C
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
5-V BUS SWITCH WITH –2-V UNDERSHOOT PROTECTION
SCDS123B – JULY 2003 – REVISED JANUARY 2007
• SN74CBT3253C Functionally Identical to
Industry-Standard ’3253 Function
• Undershoot Protection for Off-Isolation on A
and B Ports up to –2 V
• Bidirectional Data Flow, With Near-Zero
Propagation Delay
• Low ON-State Resistance (r
on) Characteristics
(ron = 3 Ω Typical)
• Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
(Cio(OFF) = 5.5 pF Typical)
• Data and Control Inputs Provide Undershoot
Clamp Diodes
• Low Power Consumption (I
CC = 3 µA Max)
• V
CC Operating Range From 4 V to 5.5 V
• Data I/Os Support 0 to 5-V Signaling Levels
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
• Control Inputs Can Be Driven by TTL or
5-V/3.3-V CMOS Outputs
• I
off Supports Partial-Power-Down Mode
Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Performance Tested Per JESD 22
2000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
• Supports I2C Bus Expansion
• Supports Both Digital and Analog
Applications: USB Interface, Bus Isolation,
Low-Distortion Signal Gating
The SN74CBT3253C is a high-speed TTL-compatible FET multiplexer/demultiplexer with low ON-state
resistance (ron), allowing for minimal propagation delay. Active Undershoot-Protection Circuitry on the A and B
ports of the SN74CBT3253C provides protection for undershoot up to –2 V by sensing an undershoot event and
ensuring that the switch remains in the proper OFF state.
The SN74CBT3253C is organized as two 1-of-4 multiplexer/demultiplexers with separate output-enable (1OE,
2OE) inputs. The select (S0, S1) inputs control the data path of each multiplexer/demultiplexer. When OE is low,
the associated multiplexer/demultiplexer is enabled, and the A port is connected to the B port, allowing
bidirectional data flow between ports. When OE is high, the associated multiplexer/demultiplexer is disabled, and
a high-impedance state exists between the A and B ports.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74CBT3253C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3253CD TI-SN74CBT3253CD Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT3253CDB TI-SN74CBT3253CDB Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT3253CDBQR TI-SN74CBT3253CDBQR Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT3253CDBR TI-SN74CBT3253CDBR Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT3253CDR TI-SN74CBT3253CDR Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
More results

Similar Description - SN74CBT3253C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3257C TI-SN74CBT3257C Datasheet
787Kb / 19P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C Datasheet
400Kb / 15P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C Datasheet
235Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16214C TI-SN74CBT16214C_08 Datasheet
357Kb / 13P
[Old version datasheet]   12-BIT 1-OF-3 FET MULTIPLEXER/DEMULTIPLEXER 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3253C TI-SN74CBT3253C Datasheet
401Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER / DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERRSHOOT PROTECTION
SN74CBT3257C TI-SN74CBT3257C_07 Datasheet
758Kb / 19P
[Old version datasheet]   4-BIR 1-OF-2 FET MULTIPLESER/DEMULTIPLEXER 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3305C TI1-SN74CBT3305C_15 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI1-SN74CBTD3305C_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3125C TI-SN74CBT3125C_08 Datasheet
830Kb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com