Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC04D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC04D
Description  SNx4HC04 Hex Inverters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04D Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC04D Datasheet HTML 1Page - Texas Instruments SN74HC04D Datasheet HTML 2Page - Texas Instruments SN74HC04D Datasheet HTML 3Page - Texas Instruments SN74HC04D Datasheet HTML 4Page - Texas Instruments SN74HC04D Datasheet HTML 5Page - Texas Instruments SN74HC04D Datasheet HTML 6Page - Texas Instruments SN74HC04D Datasheet HTML 7Page - Texas Instruments SN74HC04D Datasheet HTML 8Page - Texas Instruments SN74HC04D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
NC
No internal connection
4
5
6
7
18
17
16
15
6Y
NC
5A
NC
5Y
14
2A
NC
2Y
NC
3A
8
1
20
2
19
3
13
9
12
10 11
1A
V
CC
1
14
1Y
6A
2
13
2A
6Y
3
12
2Y
5A
4
11
3A
5Y
5
10
3Y
4A
6
9
GND
4Y
7
8
SN54HC04, SN74HC04
www.ti.com
SCLS078G – DECEMBER 1982 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
J, W, D, DB, N, NS, or PW Packages
FK Package
14-Pin SOIC, CDIP, CFP, PDIP, TSSOP, SOP
Top View
Top View
Pin Functions
PIN
SOIC,
CDIP,
I/O
DESCRIPTION
CFP,
NAME
LCCC
SSOP,
PDIP,
TSSOP
1A
1
2
I
Input 1A
1Y
2
3
O
Output 1Y
2A
3
4
I
Input 2A
2Y
4
6
O
Output 2Y
3A
5
8
I
Input 3A
3Y
6
9
O
Output 3Y
GND
7
10
Ground Pin
4Y
8
12
O
Output 4Y
4A
9
13
I
Input 4A
5Y
10
14
O
Output 5Y
5A
11
16
I
Input 6A
6Y
12
18
O
Output 6Y
6A
13
19
I
Input 6A
VCC
14
20
Power Pin
NC
1,5,7,11,15,17
No Connection
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54HC04 SN74HC04


Similar Part No. - SN74HC04D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC04D TI-SN74HC04D Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04D TI1-SN74HC04D Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04DB TI-SN74HC04DB Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04DBR TI1-SN74HC04DBR Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04DBRE4 TI1-SN74HC04DBRE4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74HC04D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC04-SP TI-SN54HC04-SP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com