Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC08DTE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC08DTE4
Description  SNx4HC08 Quadruple 2-Input Positive-AND Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC08DTE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HC08DTE4 Datasheet HTML 7Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 8Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 9Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 10Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 11Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 12Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 13Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 14Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
0
10
20
30
40
2
3
4
5
6
V
CC (V)
CL=50pF
C002
11
SN54HC08, SN74HC08
www.ti.com
SCLS081G – DECEMBER 1982 – REVISED JUNE 2016
Product Folder Links: SN54HC08 SN74HC08
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 5. Transition Time vs VCC
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
Recommended Operating Conditions.
Each VCC pin must have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-
μF capacitor is recommended and if there are multiple VCC pins then 0.01-μF or 0.022-μF
capacitor is recommended for each power pin. Multiple bypass capacitors may be used in parallel to reject
different frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor
must be installed as close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices inputs must not ever float. In many cases, functions or parts of functions of
digital logic devices are unused; for example, when only two inputs of a triple-input AND gate are used or only 3
of the 4 buffer gates are used. Such input pins must not be left unconnected because the undefined voltages at
the outside connections result in undefined operational states. Specified below are the rules that must be
observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low
bias to prevent them from floating. The logic level that must be applied to any particular unused input depends on
the function of the device. Generally, the inputs are tied to GND or VCC, whichever makes more sense or is
more convenient.
11.2 Layout Example
Figure 6. Layout Diagram


Similar Part No. - SN74HC08DTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC08DTE4 TI-SN74HC08DTE4 Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74HC08DTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com