Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54HC04FK Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC04FK
Description  SNx4HC04 Hex Inverters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54HC04FK Datasheet(HTML) 9 Page - Texas Instruments

Back Button SNJ54HC04FK Datasheet HTML 5Page - Texas Instruments SNJ54HC04FK Datasheet HTML 6Page - Texas Instruments SNJ54HC04FK Datasheet HTML 7Page - Texas Instruments SNJ54HC04FK Datasheet HTML 8Page - Texas Instruments SNJ54HC04FK Datasheet HTML 9Page - Texas Instruments SNJ54HC04FK Datasheet HTML 10Page - Texas Instruments SNJ54HC04FK Datasheet HTML 11Page - Texas Instruments SNJ54HC04FK Datasheet HTML 12Page - Texas Instruments SNJ54HC04FK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
3.3-V or 5-V regulated
0.1 F
µ
5-V accessory
SN54HC04, SN74HC04
www.ti.com
SCLS078G – DECEMBER 1982 – REVISED SEPTEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SNX4HC04 is a low-drive CMOS device that can be used for a multitude of inverting buffer type functions.
The device can produce 4 mA of drive current at 5 V, making it Ideal for driving multiple outputs and good for
low-noise applications.
9.2 Typical Application
Figure 5. Typical Application Schematic
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so
routing and load conditions should be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
For rise time and fall time specifications, see
Δt/ΔV in Recommended Operating Conditions.
For specified High and low levels, see VIH and VIL in Recommended Operating Conditions.
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
Load currents should not exceed 25 mA per output and 50 mA total for the part.
Outputs should not be pulled above VCC.
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN54HC04 SN74HC04


Similar Part No. - SNJ54HC04FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC04FK TI-SNJ54HC04FK Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SNJ54HC04FK TI1-SNJ54HC04FK Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SNJ54HC04FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC04-SP TI-SN54HC04-SP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com