Electronic Components Datasheet Search |
|
LED15-48S05W Datasheet(PDF) 2 Page - Astrodyne Corporation |
|
LED15-48S05W Datasheet(HTML) 2 Page - Astrodyne Corporation |
2 / 4 page Isolated and Regulated 15 Watt Open Frame DC/DC Converters LED15W series WWW.ASTRODYNETDI.COM ASTRODYNE USA: 1-800-823-8082 ASTRODYNE PACIFIC: 886-2-26983458 INPUT SPECIFICATIONS Input Voltage Ranges: 24 VDC Nominal 9-36 VDC 48 VDC Nominal 18-75 VDC Start Up Voltage 24V: 9VDC, 48V: 18VDC Shutdown Voltage 24V: 8VDC, 48V: 16VDC Input Voltage Variation (dv/dt) 5V/ms, max. to ETS300 part 4.4 Max. Voltage Surge (100mS max) 24 VDC Nominal 50 VDC 48 VDC Nominal 100 VDC Input Reflected Ripple Current 30mA, pk-pk Nom I/P, FL OUTPUT SPECIFICATIONS Voltage and Current See Selection Chart Minimum Load 0% Voltage Adjust ±10% Line Regulation (HL-LL, FL) ±0.2% Load Regulation (NL-FL) ±0.2% Start Up Time (Power or RC) 30mS, max. Temperature Coefficient +/-0.02%/°C, max. Ripple/Noise 100mV, pk-pk Voltage accuracy (FL, Nom I/P) +/- 2%, (+/-5%) Transient Response Recovery 25% Load Step Change 250 microSeconds Short Circuit Protection Hiccup, self-recovering Overvoltage Protection Threshold: (Clamp) 3.3V Output 3.7-5.4Volts 5V Output 5.6-7.0Volts 12V Output 13.8-17.5Volts 15V Output 16.8-20.5Volts Overload Protection 150% of Full Load (FL), typ. GENERAL SPECIFICATIONS On/Off Control Negative Logic (Ref to - Input) is standard. See Product Options Table for options and Model Numbers) ON = Short or 0V < Vr < 1.2V OFF = Open or 3V < Vr < 12V Positive Logic:ON = Open or 3V < Vr < 12V OFF = Short or 0V < Vr < 1.2V Input-Out Isolation 2250VDC In/Out Capacitance 1500 pF, max, Isolation Resistance 100 M Ohms Efficiency See Selection Chart Switching Frequency 3.3, 5V: 350Khz 12, 15V: 400Khz ENVIRONMENTAL SPECIFICATIONS Oper. Temperature -40 to +85°C (see derate) Storage Temperature -55 to +125°C * Relative Humidity 5-95% Thermal Shock MIL-STD-810F Vibration 10-55Hz, 2G, 3 minutes period, 30 minutes along X, Y and Z axes EMI EN55022A (See Class B Filter) Radiated Immunity EN61000-4-3 EFT EN61000-4-4 Surge (Using 220uF/100V, ESR 48MΩ cap) EN61000-4-5 Conducted Immunity EN61000-4-6 MTBF BELLCORE TR-NWT-000322 Case 1: 50% Stress, Temp. @ 40°C 1.322 MHrs MIL-HDBK-217F TA=25°C FL, Ground Benign, Controlled Environment 514.7 KHrs PHYSICAL SPECIFICATIONS Weight 0.36oz (10.5g) Size 1.1”L x 0.94”W x 0.335”H (27.94 x 23.88 x 8.5mm) * These are stress ratings. Exposure of the devices to any of these conditions may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted |
Similar Part No. - LED15-48S05W |
|
Similar Description - LED15-48S05W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |