Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCD15-48S12W Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # LCD15-48S12W
Description  Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LCD15-48S12W Datasheet(HTML) 2 Page - Astrodyne Corporation

  LCD15-48S12W Datasheet HTML 1Page - Astrodyne Corporation LCD15-48S12W Datasheet HTML 2Page - Astrodyne Corporation LCD15-48S12W Datasheet HTML 3Page - Astrodyne Corporation LCD15-48S12W Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Isolated and Regulated 15 Watt Encapsulated DC/DC Converters
LCD15W series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Ranges:
24 VDC Nominal
9-36 VDC
48 VDC Nominal
18-75 VDC
Start Up Voltage
24V: 9VDC, 48V: 18VDC
Shutdown Voltage
24V: 8VDC, 48V: 16VDC
Input Voltage Variation (dv/dt)
5V/ms, max. to ETS300 part 4.4
Max. Voltage Surge (100mS max) 24 VDC Nominal
50 VDC
48 VDC Nominal
100 VDC
Input Reflected Ripple Current
30mA, pk-pk Nom I/P, FL
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Minimum Load
0%
Voltage Adjust
±10%
Line Regulation (HL-LL, FL)
Single: ±0.2%; Dual: ±0.5%
Load Regulation (NL-FL)
Single: ±0.2%; Dual: ±1%
Start Up Time (Power or RC)
30mS, max.
Temperature Coefficient
±0.02%/°C, max.
Ripple/Noise (Note )
75~100mV, pk-pk
Voltage accuracy (FL, Nom I/P) ±1%
Transient Response Recovery
25% Load Step Change
250 microSeconds
Short Circuit Protection
Hiccup, self-recovering
Overvoltage Protection Threshold: (Clamp)
3.3V Output
3.7-5.4Volts
5V Output
5.6-7.0Volts
12V Output
13.8-19.6Volts
15V Output
16.8-20.5Volts
Overload Protection
150% of Full Load (FL), typ.
PHYSICAL SPECIFICATIONS
Case Material
Nickel-coated Copper
Base Material
FR4 PCB
Potting Material
Epoxy (UL94-V0)
Size
1”W x 1”L x 0.39”H
(25.4 x 25.4 x 9.9mm)
Weight
0.53 oz (15g)
GENERAL SPECIFICATIONS
On/Off Control
Negative Logic (Ref to - Input) is standard. See
Product Options Table for options and Model Numbers)
ON = Short or 0V < Vr < 1.2V
OFF = Open or 3V < Vr < 12V
Positive Logic:ON = Open or 3V < Vr < 12V
OFF = Short or 0V < Vr < 1.2V
Input-Out Isolation
1600VDC
In/Out Capacitance
1000 pF, max,
Isolation Resistance
100 M Ohms
Efficiency
See Selection Chart
Switching Frequency
400Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-40 to +85°C (see derate)
Maximum Case Temperature
105°C
Storage Temperature
-55 to +125°C *
Thermal Impedance
Convection: 18.2°C/Watt
With Heatsink: 15.8°C/Watt
Relative Humidity
5-95%
Thermal Shock
MIL-STD-810F
Vibration
10-55Hz, 10G, 3 minutes period,
30 minutes along X, Y and Z axes
EMI
EN55022A (See Class B Filter)
ESD
EN61000-4-2 Criteria A
Radiated Immunity
EN61000-4-3 Criteria A
EFT
EN61000-4-4 Criteria B
Surge (Using 220uF/100V, ESR 48MΩ cap)
EN61000-4-5 Criteria B
Conducted Immunity
EN61000-4-6 Criteria A
MTBF
BELLCORE TR-NWT-000322 Case 1: 50% Stress, Temp. @ 40°C
1.330 MHrs
MIL-HDBK-217F TA=25°C FL, Ground Benign, Controlled Environment
563 KHrs
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted


Similar Part No. - LCD15-48S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
LCD15-48S12W P-DUKE-LCD15-48S12W Datasheet
327Kb / 3P
   15 WATTS MAXIMUM OUTPUT POWER
LCD15-48S12W P-DUKE-LCD15-48S12W Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - LCD15-48S12W

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ST15 ASTRODYNE-ST15_16 Datasheet
235Kb / 3P
   Isolated and Regulated 15 Watt Modular DC/DC Converters
ST15 ASTRODYNE-ST15 Datasheet
190Kb / 3P
   Isolated and Regulated 15 Watt Modular DC/DC Converters
FEC15 ASTRODYNE-FEC15 Datasheet
369Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FEC15 ASTRODYNE-FEC15_16 Datasheet
207Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD15 ASTRODYNE-ASD15 Datasheet
263Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
LED15W ASTRODYNE-LED15W Datasheet
595Kb / 4P
   Isolated and Regulated 15 Watt Open Frame DC/DC Converters
logo
Murata Power Solutions ...
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
Astrodyne Corporation
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com