Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54F27FK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54F27FK
Description  TRIPLE 3-INPUT POSITIVE-NOR GATES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54F27FK Datasheet(HTML) 3 Page - Texas Instruments

  SNJ54F27FK Datasheet HTML 1Page - Texas Instruments SNJ54F27FK Datasheet HTML 2Page - Texas Instruments SNJ54F27FK Datasheet HTML 3Page - Texas Instruments SNJ54F27FK Datasheet HTML 4Page - Texas Instruments SNJ54F27FK Datasheet HTML 5Page - Texas Instruments SNJ54F27FK Datasheet HTML 6Page - Texas Instruments SNJ54F27FK Datasheet HTML 7Page - Texas Instruments SNJ54F27FK Datasheet HTML 8Page - Texas Instruments SNJ54F27FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54F27, SN74F27
TRIPLE 3-INPUT POSITIVE-NOR GATES
SDFS042A – MARCH 1987 – REVISED OCTOBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
′F27
SN54F27
SN74F27
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
ABor C
Y
1.2
3.1
5
1
6
1
5.5
ns
tPHL
A, B, or C
Y
1
2.1
4.5
1
5.5
1
4.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 3: Load circuits and waveforms are shown in Section 1.


Similar Part No. - SNJ54F27FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54F20FK TI1-SNJ54F20FK Datasheet
778Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SNJ54F20J TI1-SNJ54F20J Datasheet
778Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SNJ54F20W TI1-SNJ54F20W Datasheet
778Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SNJ54F240FK TI1-SNJ54F240FK Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SNJ54F240FK TI1-SNJ54F240FK Datasheet
1Mb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54F27FK

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LV27A HITACHI-HD74LV27A Datasheet
54Kb / 12P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54HC27 TI-SN54HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS27 HITACHI-HD74LS27 Datasheet
44Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A_14 Datasheet
1Mb / 5P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LS27 RENESAS-HD74LS27 Datasheet
56Kb / 5P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54ALS27A TI1-SN54ALS27A_15 Datasheet
812Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
54AC11027 TI1-54AC11027_09 Datasheet
83Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com