Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10-2412S Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ST10-2412S
Description  Isolated and Regulated 10 Watt Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ST10-2412S Datasheet(HTML) 1 Page - Astrodyne Corporation

  ST10-2412S Datasheet HTML 1Page - Astrodyne Corporation ST10-2412S Datasheet HTML 2Page - Astrodyne Corporation ST10-2412S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 10 Watt Modular DC/DC Converters
ST10 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Wide 2 : 1 and 4 : 1 Input Ranges
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
ST10-123.3S
3.3 VDC
2
9-18VDC
ST10-243.3S
2
18-36VDC
ST10-24F3.3S
2
10-40VDC
ST10-483.3S
2
36-75VDC
ST10-48F3.3S
2
18-75VDC
ST10-125S
5 VDC
2
9-18VDC
ST10-245S
2
18-36VDC
ST10-24F5S
2
10-40VDC
ST10-485S
2
36-75VDC
ST10-48F5S
2
18-75VDC
ST10-1212S
12 VDC
0.83
9-18VDC
ST10-2412S
0.83
18-36VDC
ST10-24F12S
0.83
10-40VDC
ST10-4812S
0.83
36-75VDC
ST10-48F12S
0.83
18-75VDC
ST10-1215S
15 VDC
0.67
9-18VDC
ST10-2415S
0.67
18-36VDC
ST10-24F15S
0.67
10-40VDC
ST10-4815S
0.67
36-75VDC
ST10-48F15S
0.67
18-75VDC
ST10-1224S
24 VDC
0.42
9-18VDC
ST10-2424S
0.42
18-36VDC
ST10-4824S
0.42
36-75VDC
Unit measures 1”W x 2”L x 0.425”H


Similar Part No. - ST10-2412S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ST10-2412S ASTRODYNE-ST10-2412S Datasheet
849Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
More results

Similar Description - ST10-2412S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FDC10 ASTRODYNE-FDC10_16 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10 Datasheet
411Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
FDC10 ASTRODYNE-FDC10 Datasheet
369Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10_16 Datasheet
355Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com