Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR76108 Datasheet(PDF) 15 Page - Exar Corporation

Part # XR76108
Description  8A and 12A Synchronous Step Down COT Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76108 Datasheet(HTML) 15 Page - Exar Corporation

Back Button XR76108 Datasheet HTML 9Page - Exar Corporation XR76108 Datasheet HTML 10Page - Exar Corporation XR76108 Datasheet HTML 11Page - Exar Corporation XR76108 Datasheet HTML 12Page - Exar Corporation XR76108 Datasheet HTML 13Page - Exar Corporation XR76108 Datasheet HTML 14Page - Exar Corporation XR76108 Datasheet HTML 15Page - Exar Corporation XR76108 Datasheet HTML 16Page - Exar Corporation XR76108 Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
XR76108 and XR76112
© 2013-2014 Exar Corporation
15/17
www.exar.com
Rev. 2A
Applications Circuit
Figure 37: XR76112 Application circuit schematic
Figure 37: XR76108 Application circuit schematic
R3 60.4k
1-2 --> CCM
2-3 --> DCM / CCM
R4 71.5k
DZ
MMSZ4685
C
0.22uF
RZ
10k
J1
1
1
2
2
3
3
Circuit to derive EN / MODE from VIN
FB
XR76112
ILIM
1
TON
3
EN
2
SS
4
PGOOD
5
FB
6
AGND
7
PGND
15
PGND
17
PGND
18
PGND
19
SW
20
PVIN
21
PVIN
22
PGND
16
AGND PAD
PGND PAD
600kHz, 12A@1.2VOUT
CVCC
4.7uF
12VIN
L1 IHLP-4040DZ-01
0.56uH @ 27A, 1.7mOhm
R1
2k
R2
2k
CSS
47nF
EN/MODE
CIN
0.1uF
R5
10k
CFF
2.2nF
PVIN
3x10uF
VCC
FB
RON
6.8k
VCC
RFF
5 Ohm
PVIN
470uF
CBST
0.1uF
SW
RLIM
2.5k
3x22uF
RSNB
1 Ohm
CSNB 1.5nF
PGOOD
FB
R3 60.4k
1-2 --> CCM
2-3 --> DCM / CCM
R4 71.5k
DZ
MMSZ4685
C
0.22uF
RZ
10k
J1
1
1
2
2
3
3
Circuit to derive EN / MODE from VIN
PGOOD
XR76108
ILIM
1
TON
3
EN
2
SS
4
PGOOD
5
FB
6
AGND
7
PGND
15
PGND
17
PGND
18
PGND
19
SW
20
PVIN
21
PVIN
22
PGND
16
AGND PAD
PGND PAD
600kHz, 8A@1.2VOUT
12VIN
CVCC
4.7uF
L1 IHLP-4040DZ-01
1uH @ 17.5A, 3.7mOhm
R1
2k
R2
2k
CSS
47nF
EN/MODE
CIN
0.1uF
R5
10k
CFF
4.7nF
2x10uF
PVIN
VCC
RON
6.8k
FB
VCC
RFF
0 Ohm
PVIN
330uF
CBST
0.1uF
SW
RLIM
2.2k
3x22uF
RSNB
1 Ohm
CSNB 1nF


Similar Part No. - XR76108

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115EL-F EXAR-XR76115EL-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115ELMTR-F EXAR-XR76115ELMTR-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115ELTR-F EXAR-XR76115ELTR-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115EVB EXAR-XR76115EVB Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
More results

Similar Description - XR76108

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XRP7662 EXAR-XRP7662 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
   12A 300KHz Synchronous Step Down Regulator
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
logo
Linear Technology
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Exar Corporation
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com