Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH40D28T125-100NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH40D28T125-100NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH40D28T125-100NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH40D28T125-100NC Datasheet HTML 1Page - Sumida Corporation CDRH40D28T125-100NC Datasheet HTML 2Page - Sumida Corporation CDRH40D28T125-100NC Datasheet HTML 3Page - Sumida Corporation CDRH40D28T125-100NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
(μH) ※1
Part Number
[Within]
Inductance
125℃
20℃
Saturation Current
(A) ※2
D.C.R. at 20℃
max(typ) (mΩ)
Temperature
Rise Current
(A) ※3
2.41
2.76
3.00
CDRH40D28T125-1R5NC
1.50 ± 30%
43.50
(35.00)
2.20
2.50
2.75
CDRH40D28T125-1R8NC
1.80 ± 30%
50.00
(40.00)
1.95
2.32
2.40
CDRH40D28T125-2R2NC
2.20 ± 30%
56.00
(45.00)
1.70
1.99
2.35
CDRH40D28T125-3R3NC
3.30 ± 30%
68.50
(55.00)
1.40
1.62
2.00
CDRH40D28T125-4R7NC
4.70 ± 30%
85.00
(68.00)
1.29
1.50
1.70
CDRH40D28T125-5R6NC
5.60 ± 30%
112 (90.00)
1.16
1.35
1.65
CDRH40D28T125-6R8NC
6.80 ± 30%
118 (95.00)
0.90
1.02
1.35
CDRH40D28T125-100NC
10.00 ± 30%
188 (150)
0.77
0.90
1.20
CDRH40D28T125-150NC
15.00 ± 30%
240 (192)
0.66
0.76
0.90
CDRH40D28T125-220NC
22.00 ± 30%
338 (270)
0.52
0.61
0.66
CDRH40D28T125-330NC
33.00 ± 30%
619 (495)
※1 Measuring frequency inductance at 100kHz,1V.
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 35% lower than its
nominal value.
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40℃ (Ta=20℃).
New Recommended Type
CDRH40D28/T125
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Ver. 2016-05-18
WWW.SUMIDA.COM


Similar Part No. - CDRH40D28T125-100NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH40D28 SUMIDA-CDRH40D28 Datasheet
211Kb / 4P
   SMD Power Inductor
CDRH40D28NP-100PC SUMIDA-CDRH40D28NP-100PC Datasheet
211Kb / 4P
   SMD Power Inductor
CDRH40D28NP-120PC SUMIDA-CDRH40D28NP-120PC Datasheet
211Kb / 4P
   SMD Power Inductor
CDRH40D28NP-150PC SUMIDA-CDRH40D28NP-150PC Datasheet
211Kb / 4P
   SMD Power Inductor
CDRH40D28NP-180PC SUMIDA-CDRH40D28NP-180PC Datasheet
211Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH40D28T125-100NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com