Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDEIR10D50ME Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEIR10D50ME
Description  SMD Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR10D50ME Datasheet(HTML) 1 Page - Sumida Corporation

  CDEIR10D50ME Datasheet HTML 1Page - Sumida Corporation CDEIR10D50ME Datasheet HTML 2Page - Sumida Corporation CDEIR10D50ME Datasheet HTML 3Page - Sumida Corporation CDEIR10D50ME Datasheet HTML 4Page - Sumida Corporation CDEIR10D50ME Datasheet HTML 5Page - Sumida Corporation CDEIR10D50ME Datasheet HTML 6Page - Sumida Corporation CDEIR10D50ME Datasheet HTML 7Page - Sumida Corporation CDEIR10D50ME Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMD Power Inductor
CDEIR10D50ME
Note
: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 4
Ver. 1.0 (2015.09)
www.sumida.com
Description
Metal alloy core construction
Magnetically shielded
L×W×H: 11.5×10.7×5.2mm Max.
Product weight : 2.7 g (Ref.)
Moisture Sensitivity Level: 1
Applications
Ideally used in Notebook, PDA and other high current application
Environmental Data
Operating temperature range: -40
℃~+125℃ (including coil’s self temperature rise)
Storage temperature range: -40
℃~+125℃
Packaging
Carrier tape and reel packaging.
13.0”diameter reel
500pcs per reel
Dimension - [mm]
11.0±0.5
10
.4
±
0.
3
1.
8
5.2 Max.
6.0
2.2
Land pattern and Schematics - [mm]
13
5
4
S
F


Similar Part No. - CDEIR10D50ME

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR10D47ME SUMIDA-CDEIR10D47ME Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D47MENP-1R2MC SUMIDA-CDEIR10D47MENP-1R2MC Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D48ME SUMIDA-CDEIR10D48ME Datasheet
223Kb / 3P
   SMD Power Inductor
CDEIR10D48MENP-4R7MC SUMIDA-CDEIR10D48MENP-4R7MC Datasheet
223Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDEIR10D50ME

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com