Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1235H-600TRG Datasheet(PDF) 5 Page - STMicroelectronics

Part # T1235H-600TRG
Description  12A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1235H-600TRG Datasheet(HTML) 5 Page - STMicroelectronics

  T1235H-600TRG Datasheet HTML 1Page - STMicroelectronics T1235H-600TRG Datasheet HTML 2Page - STMicroelectronics T1235H-600TRG Datasheet HTML 3Page - STMicroelectronics T1235H-600TRG Datasheet HTML 4Page - STMicroelectronics T1235H-600TRG Datasheet HTML 5Page - STMicroelectronics T1235H-600TRG Datasheet HTML 6Page - STMicroelectronics T1235H-600TRG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
T1235H Series
5/7
Fig.
10:
Leakage
current
versus
junction
temperature for different values of blocking
voltage (typical values).
Fig. 11: Acceptable repetitive peak off-state
voltage versus case-ambient thermal resistance.
Fig. 12: D²PAK Thermal resistance junction to
ambient versus copper surface under tab (printed
circuit board FR4, copper thickness: 35
µm).
50
75
100
125
150
1E-3
1E-2
1E-1
1E+0
1E+1
Tj(°C)
IDRM/IRRM(mA)
VD=VR=600V
VD=VR=400V
VD=VR=200V
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
600
700
Rth(c-a)(°C/W)
VDRM/VRRM(V)
Tj=150°C
Rth(j-c)=1.2°C/W
0
4
8
1216202428
323640
0
10
20
30
40
50
60
70
80
S(cm²)
Rth(j-a) (°C/W)
D²PAK


Similar Part No. - T1235H-600TRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235H-600TRG STMICROELECTRONICS-T1235H-600TRG Datasheet
92Kb / 8P
   12A TRIACS
More results

Similar Description - T1235H-600TRG

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST12FH JIEJIE-JST12FH Datasheet
493Kb / 4P
   12A TRIACs
logo
Kersemi Electronic Co.,...
BTB12-700C KERSEMI-BTB12-700C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800C KERSEMI-BTB12-800C Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800B KERSEMI-BTB12-800B Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600CW KERSEMI-BTA12-600CW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTB12-800BW KERSEMI-BTB12-800BW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-700SW KERSEMI-BTA12-700SW Datasheet
1,011Kb / 5P
   12A TRIACS
BTA12-600C KERSEMI-BTA12-600C Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Unisonic Technologies
BTA12A UTC-BTA12A Datasheet
171Kb / 4P
   12A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com