Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD895ZK Datasheet(PDF) 4 Page - Jianghai Europe GmbH

Part # CD895ZK
Description  14 000h at 85째C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD895ZK Datasheet(HTML) 4 Page - Jianghai Europe GmbH

  CD895ZK Datasheet HTML 1Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 2Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 3Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 4Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 5Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 6Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 7Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 8Page - Jianghai Europe GmbH CD895ZK Datasheet HTML 9Page - Jianghai Europe GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
87
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
CD 895 ZK Series
Ratings for CD
895 ZK Series
Customer specific products and adaptions on request.
u
r.DC
(Surge
Voltage)
Code
rated
Capa-
citance
Max ESr
20°C,
120Hz
Typ ESr
20°C,
120Hz
Max
ripple
Current
85°C,
120Hz
Size
Ø D x L
(V)
(µF)
(mΩ)
(mΩ)
(Arms)
(mm)
400
(450)
2G
68
2926
1522
0,49
22 x 25
82
2427
1262
0,59
22 x 30
2427
1262
0,68
25 x 25
100
1990
1035
0,63
22 x 30
120
1658
863
0,67
22 x 35
1658
863
0,74
25 x 30
1658
863
0,82
30 x 25
150
1327
690
0,74
22 x 40
1327
690
0,77
25 x 35
180
1106
575
0,82
22 x 50
1106
575
0,86
25 x 40
1106
575
0,87
30 x 30
1106
575
0,90
35 x 25
220
905
471
0,91
25 x 45
905
471
0,90
30 x 35
270
737
384
0,99
25 x 50
737
384
1,00
30 x 40
737
384
0,96
35 x 30
330
603
314
1,17
30 x 45
603
314
1,19
35 x 35
390
511
266
1,21
30 x 50
511
266
1,32
35 x 40
470
424
221
1,38
35 x 45
560
356
185
1,58
35 x 50
450
(500)
2W
56
4737
2369
0,49
22 x 25
68
3903
1951
0,59
22 x 30
3903
1951
0,63
25 x 25
82
3236
1618
0,67
22 x 35
100
2653
1327
0,74
22 x 40
2653
1327
0,74
25 x 30
2653
1327
0,82
30 x 25
120
2211
1106
0,77
22 x 45
2211
1106
0,77
25 x 35
150
1769
885
0,82
22 x 50
1769
885
0,86
25 x 40
1769
885
0,87
30 x 30
1769
885
0,90
35 x 25
180
1474
737
0,91
25 x 45
1474
737
0,90
30 x 35
220
1206
603
0,99
25 x 50
1206
603
1,00
30 x 40
1206
603
0,96
35 x 30
270
983
492
1,17
30 x 45
983
492
1,19
35 x 35
330
804
402
1,21
30 x 50
804
402
1,32
35 x 40
390
681
341
1,38
35 x 45
470
565
283
1,58
35 x 50
500
(550)
2H
39
6802
3401
0,37
22 x 30
47
5644
2822
0,43
22 x 35
56
4737
2369
0,49
22 x 40
68
3901
1951
0,57
22 x 45
82
3235
1618
0,65
25 x 40
100
2653
1327
0,70
25 x 45
120
2211
1106
0,81
25 x 50
2211
1106
0,76
35 x 30
150
1769
885
0,89
30 x 40
180
1474
737
1,06
30 x 50
220
1206
603
1,18
35 x 45
270
983
492
1,35
35 x 50


Similar Part No. - CD895ZK

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
More results

Similar Description - CD895ZK

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
CD892ZL JIANGHAI-CD892ZL Datasheet
666Kb / 8P
   5 000h at 105째C
CD269LHL JIANGHAI-CD269LHL Datasheet
585Kb / 7P
   4 000 - 10 000h at 125째C
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com