Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40054 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40054
Description  WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40054 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40054 Datasheet HTML 2Page - Texas Instruments TPS40054 Datasheet HTML 3Page - Texas Instruments TPS40054 Datasheet HTML 4Page - Texas Instruments TPS40054 Datasheet HTML 5Page - Texas Instruments TPS40054 Datasheet HTML 6Page - Texas Instruments TPS40054 Datasheet HTML 7Page - Texas Instruments TPS40054 Datasheet HTML 8Page - Texas Instruments TPS40054 Datasheet HTML 9Page - Texas Instruments TPS40054 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TPS40054
TPS40055
TPS40057
SLUS593B − DECEMBER 2003 − REVISED APRIL 2004
6
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOST
14
O
Gate drive voltage for the high side N-channel MOSFET. The BOOST voltage is 9 V greater than the input
voltage. A 0.1-
µF ceramic capacitor should be connected from this pin to the drain of the lower MOSFET.
BP5
3
O
5-V reference. This pin should be bypassed to ground with a 0.1-
µF ceramic capacitor. This pin may be used
with an external DC load of 1 mA or less.
BP10
11
O
10-V reference used for gate drive of the N-channel synchronous rectifier. This pin should be bypassed by a 1-
µF
ceramic capacitor. This pin may be used with an external DC load of 1 mA or less.
COMP
8
O
Output of the error amplifier, input to the PWM comparator. A feedback network is connected from this pin to the
VFB pin to compensate the overall loop. The comp pin is internally clamped above the peak of the ramp to
improve large signal transient response.
HDRV
13
O
Floating gate drive for the high-side N-channel MOSFET. This pin switches from BOOST (MOSFET on) to SW
(MOSFET off).
ILIM
16
I
Current limit pin, used to set the overcurrent threshold. An internal current sink from this pin to ground sets a
voltage drop across an external resistor connected from this pin to VCC. The voltage on this pin is compared
to the voltage drop (VIN −SW) across the high side MOSFET during conduction.
KFF
1
I
A resistor is connected from this pin to VIN to program the amount of voltage feed-forward. The current fed into
this pin is internally divided and used to control the slope of the PWM ramp.
LDRV
10
O
Gate drive for the N-channel synchronous rectifier. This pin switches from BP10 (MOSFET on) to ground
(MOSFET off).
PGND
9
Power ground reference for the device. There should be a low-impedance path from this pin to the source(s)
of the lower MOSFET(s).
RT
2
I
A resistor is connected from this pin to ground to set the internal oscillator and switching frequency.
SGND
5
Signal ground reference for the device.
SS/SD
6
I
Soft-start programming pin. A capacitor connected from this pin to ground programs the soft-start time. The
capacitor is charged with an internal current source of 2.3
µA. The resulting voltage ramp on the SS pin is used
as a second non-inverting input to the error amplifier. The output voltage begins to rise when VSS/SD is
approximately 0.85 V. The output continues to rise and reaches regulation when VSS/SD is approximately 1.55 V.
The controller is considered shut down when VSS/SD is 125 mV or less. All internal circuitry is inactive. The
internal circuitry is enabled when VSS/SD is 210 mV or greater. When VSS/SD is less than approximately 0.85 V,
the outputs cease switching and the output voltage (VOUT) decays while the internal circuitry remains active.
SW
12
I
This pin is connected to the switched node of the converter and used for overcurrent sensing. The TPS40054
and TPS40057 versions use this pin for zero current sensing as well.
SYNC
4
I
Syncronization input for the device. This pin can be used to synchronize the oscillator to an external master
frequency. If synchronization is not used, connect this pin to SGND.
VFB
7
I
Inverting input to the error amplifier. In normal operation the voltage on this pin is equal to the internal reference
voltage, 0.7 V.
VIN
15
I
Supply voltage for the device.


Similar Part No. - TPS40054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40054 TI-TPS40054 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054 Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
TPS40054PWP TI1-TPS40054PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054PWP TI-TPS40054PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057PWPG4 TI-TPS40057PWPG4 Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com