Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3806J20DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3806J20DBVT
Description  DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3806J20DBVT Datasheet(HTML) 6 Page - Texas Instruments

  TPS3806J20DBVT Datasheet HTML 1Page - Texas Instruments TPS3806J20DBVT Datasheet HTML 2Page - Texas Instruments TPS3806J20DBVT Datasheet HTML 3Page - Texas Instruments TPS3806J20DBVT Datasheet HTML 4Page - Texas Instruments TPS3806J20DBVT Datasheet HTML 5Page - Texas Instruments TPS3806J20DBVT Datasheet HTML 6Page - Texas Instruments TPS3806J20DBVT Datasheet HTML 7Page - Texas Instruments TPS3806J20DBVT Datasheet HTML 8Page - Texas Instruments TPS3806J20DBVT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TPS3806J20, TPS3806I33
DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
SLVS393 – JULY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
3
2
1
0
0
0.5
1
1.5
2
2.5
3
4
5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
6
3.5
4
4.5
5
5.5
6
VDD – Supply Voltage – V
V(HSENSE) < V(LSENSE)
RESET = Open
RSTSENSE = Open
85
°C
0
°C
25
°C
–40
°C
Figure 2
1.00
0.80
0.60
0.40
0
1
234
5
1.20
1.40
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
1.60
IOL – Low-Level Output Current – mA
0.20
0
VDD = 1.5 V
V(SENSE) = Low
85
°C
0
°C
25
°C
–40
°C
Figure 3
0.35
0.30
0.25
0.20
01
2
3
0.40
0.45
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.50
0.15
0.10
0.05
0
IOL – Low-Level Output Current – mA
85
°C
0
°C
25
°C
–40
°C
VDD = 1.5 V
V(SENSE) = Low
0.5
1.5
2.5
Expanded View
Figure 4
2
1.5
1
0.5
0
5
10
15
20
25
30
2.5
3
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
3.5
35
40
45
50
IOL – Low-Level Output Current – mA
85
°C
0
°C
25
°C
–40
°C
VDD = 6 V
V(SENSE) = Low
0


Similar Part No. - TPS3806J20DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806J20DBVT TI1-TPS3806J20DBVT Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20DBVT TI1-TPS3806J20DBVT Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
More results

Similar Description - TPS3806J20DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_16 Datasheet
805Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com