Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

XR76205ELMTR-F Datasheet(PDF) 12 Page - Exar Corporation

Part No. XR76205ELMTR-F
Description  3A/5A/8A Synchronous Step Down COT Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76205ELMTR-F Datasheet(HTML) 12 Page - Exar Corporation

Back Button XR76205ELMTR-F Datasheet HTML 8Page - Exar Corporation XR76205ELMTR-F Datasheet HTML 9Page - Exar Corporation XR76205ELMTR-F Datasheet HTML 10Page - Exar Corporation XR76205ELMTR-F Datasheet HTML 11Page - Exar Corporation XR76205ELMTR-F Datasheet HTML 12Page - Exar Corporation XR76205ELMTR-F Datasheet HTML 13Page - Exar Corporation XR76205ELMTR-F Datasheet HTML 14Page - Exar Corporation XR76205ELMTR-F Datasheet HTML 15Page - Exar Corporation XR76205ELMTR-F Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
© 2015 Exar Corporation
XR76203/5/8
12 / 20
exar.com/XR76203/5/8
Rev 1A
Thermal Derating
Unless otherwise noted: No Air flow, f=400kHz, Schematic from the application information section.
Figure 25: XR76208, VIN=12V
Figure 26: XR76208, VIN=24V
Figure 27: XR76205, VIN=12V
Figure 28: XR76205, VIN=24V
Figure 29: XR76203, VIN=12V
Figure 30: XR76203, VIN=24V
50
60
70
80
90
100
110
120
130
12345678
IOUT (A)
1.8 VOUT
3.3 VOUT
5.0 VOUT
50
60
70
80
90
100
110
120
130
1
234
56
78
IOUT (A)
1.8 VOUT
3.3 VOUT
5.0 VOUT
12 VOUT
200kHz
50
60
70
80
90
100
110
120
130
12345
IOUT (A)
1.8 VOUT
3.3 VOUT
5.0 VOUT
50
60
70
80
90
100
110
120
130
12345
IOUT (A)
1.8 VOUT
3.3 VOUT
5.0 VOUT
12 VOUT
200kHz
50
60
70
80
90
100
110
120
130
1.0
1.5
2.0
2.5
3.0
IOUT (A)
1.8 VOUT
3.3 VOUT
5.0 VOUT
50
60
70
80
90
100
110
120
130
1.0
1.5
2.0
2.5
3.0
IOUT (A)
1.8 VOUT
3.3 VOUT
5.0 VOUT
12 VOUT
200kHz


Similar Part No. - XR76205ELMTR-F

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
   Power Management
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76205ELTR-Q EXAR-XR76205ELTR-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76205ELMTR-F

ManufacturerPart No.DatasheetDescription
Exar Corporation
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
   22V, 3A Synchronous Step-Down COT Power Module
Monolithic Power Systems
Monolithic Power System...
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
Exar Corporation
Exar Corporation
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
Linear Technology
Linear Technology
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
   20V, 5A Synchronous Step-Down Regulator
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
   15V, 5A Synchronous Step-Down Regulator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz