Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR76203ELTR-F Datasheet(PDF) 18 Page - Exar Corporation

Part # XR76203ELTR-F
Description  3A/5A/8A Synchronous Step Down COT Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76203ELTR-F Datasheet(HTML) 18 Page - Exar Corporation

Back Button XR76203ELTR-F Datasheet HTML 12Page - Exar Corporation XR76203ELTR-F Datasheet HTML 13Page - Exar Corporation XR76203ELTR-F Datasheet HTML 14Page - Exar Corporation XR76203ELTR-F Datasheet HTML 15Page - Exar Corporation XR76203ELTR-F Datasheet HTML 16Page - Exar Corporation XR76203ELTR-F Datasheet HTML 17Page - Exar Corporation XR76203ELTR-F Datasheet HTML 18Page - Exar Corporation XR76203ELTR-F Datasheet HTML 19Page - Exar Corporation XR76203ELTR-F Datasheet HTML 20Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
© 2015 Exar Corporation
XR76203/5/8
18 / 20
exar.com/XR76203/5/8
Rev 1A
Application Circuit, XR76203
R4
2k
U1
XR76203
ILIM
1
TON
3
EN
2
SS
4
PGOOD
5
FB
6
AGND
7
PGND
15
PGND
17
PGND
18
PGND
19
SW
20
PVIN
21
PVIN
22
PGND
16
400kHz, 3.3V @ 0-3A
24VIN
CIN
10uF/50V
CVCC
4.7uF
Wurth-74437368047
4.7uH
R1
9.09k
R2
2k
CSS
47nF
CIN1 0.1uF
R5
10k
CFF
0.22nF
PVIN
COUT
47uF/10V
VCC
RON
28k
FB
R3
18.2k
CBST
1uF
SW RLIM
4.02k
FB


Similar Part No. - XR76203ELTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76203ELTR-Q EXAR-XR76203ELTR-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76203ELTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
   22V, 3A Synchronous Step-Down COT Power Module
logo
Monolithic Power System...
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
logo
Exar Corporation
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
Linear Technology
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
   20V, 5A Synchronous Step-Down Regulator
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
   15V, 5A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com