Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62046DRC Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62046DRC
Description  1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62046DRC Datasheet(HTML) 5 Page - Texas Instruments

  TPS62046DRC Datasheet HTML 1Page - Texas Instruments TPS62046DRC Datasheet HTML 2Page - Texas Instruments TPS62046DRC Datasheet HTML 3Page - Texas Instruments TPS62046DRC Datasheet HTML 4Page - Texas Instruments TPS62046DRC Datasheet HTML 5Page - Texas Instruments TPS62046DRC Datasheet HTML 6Page - Texas Instruments TPS62046DRC Datasheet HTML 7Page - Texas Instruments TPS62046DRC Datasheet HTML 8Page - Texas Instruments TPS62046DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TPS62040
TPS62042,TPS62043
TPS62044,TPS62046
SLVS463A − JUNE 2003 − REVISED OCTOBER 2003
www.ti.com
5
FUNCTIONAL BLOCK DIAGRAM
FB
PGND
SW
VIN
EN
Undervoltage
Lockout
Bias supply
Control Logic
+
LoadComparator
1.25 MHz
Oscillator
Vref = 0.5 V
Driver
Shoot−thru
Logic
R1
R2
Soft
Start
+
+
Current limit Comparator
SkipComparator
Gm
Saw Tooth
Generator
V
I
+
Vcomp
S
R
+
Comp High
Comp Low
Comp Low 2
Comp High
Comp Low
Comp Low 2
+
Comparator
Compensation
Ref
Ref
PGND
VIN
GND
MODE
MODE
SW
For the Adjustable Version the FB Pin Is
Directly Connected to the Gm Amplifier


Similar Part No. - TPS62046DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62046DRC TI1-TPS62046DRC Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62046DRC TI1-TPS62046DRC Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62046DRCR TI1-TPS62046DRCR Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62046DRCR TI1-TPS62046DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62046DRCR TI1-TPS62046DRCR Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62046DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
   High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com