Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNJ54HC153W Datasheet(PDF) 6 Page - Texas Instruments

Part # SNJ54HC153W
Description  DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54HC153W Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54HC153W Datasheet HTML 2Page - Texas Instruments SNJ54HC153W Datasheet HTML 3Page - Texas Instruments SNJ54HC153W Datasheet HTML 4Page - Texas Instruments SNJ54HC153W Datasheet HTML 5Page - Texas Instruments SNJ54HC153W Datasheet HTML 6Page - Texas Instruments SNJ54HC153W Datasheet HTML 7Page - Texas Instruments SNJ54HC153W Datasheet HTML 8Page - Texas Instruments SNJ54HC153W Datasheet HTML 9Page - Texas Instruments SNJ54HC153W Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN54HC153, SN74HC153
DUAL 4LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCLS112D − DECEMBER 1982 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC153
SN74HC153
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
105
235
355
295
A or B
Y
4.5 V
27
47
71
59
A or B
Y
6 V
21
41
60
51
Data
2 V
93
220
335
274
tpd
Data
(Any C)
Y
4.5 V
23
44
67
55
ns
tpd
(Any C)
Y
6 V
19
38
57
48
ns
2 V
60
185
280
230
G
Y
4.5 V
17
37
56
46
G
Y
6 V
14
32
48
40
2 V
45
210
315
265
tt
Y
4.5 V
17
42
63
53
ns
tt
Y
6 V
13
36
53
45
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per multiplexer
No load
40
pF
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
D. tPLH and tPHL are the same as tpd.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SNJ54HC153W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC153W TI-SNJ54HC153W Datasheet
520Kb / 16P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC153W TI-SNJ54HC153W Datasheet
1Mb / 21P
[Old version datasheet]   SUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIP LEXERS
More results

Similar Description - SNJ54HC153W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
   Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54153 NSC-54153 Datasheet
120Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
54LS352 NSC-54LS352 Datasheet
128Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI1-SN54ALS352_11 Datasheet
349Kb / 11P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54LS153 NSC-54LS153 Datasheet
142Kb / 6P
   Dual 4-Line to 1-Line Data Selectors/Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com