Electronic Components Datasheet Search |
|
SN74HC241DWRG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74HC241DWRG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 20 page SN54HC241, SN74HC241 OCTAL BUFFERS AND LINE DRIVERS WITH 3STATE OUTPUTS SCLS300C − JANUARY 1996 − REVISED AUGUST 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Operating Voltage Range of 2 V to 6 V D High-Current Outputs Drive Up To 15 LSTTL Loads D Low Power Consumption, 80-µA Max ICC D Typical tpd = 11 ns D ±6-mA Output Drive at 5 V D Low Input Current of 1 µA Max D 3-State Outputs Drive Bus Lines or Buffer Memory Address Registers 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 1OE 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 2Y1 GND VCC 2OE 1Y1 2A4 1Y2 2A3 1Y3 2A2 1Y4 2A1 SN54HC241 ...J OR W PACKAGE SN74HC241 ...DW, N, NS, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 1Y1 2A4 1Y2 2A3 1Y3 1A2 2Y3 1A3 2Y2 1A4 SN54HC241 . . . FK PACKAGE (TOP VIEW) description/ordering information These octal buffers and line drivers are designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The ’HC241 devices are organized as two 4-bit buffers/drivers with separate output-enable (1OE and 2OE) inputs. When 1OE is low or 2OE is high, the device passes noninverted data from the A inputs to the Y outputs. When 1OE is high or 2OE is low, the outputs for the respective buffers/drivers are in the high-impedance state. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube of 20 SN74HC241N SN74HC241N SOIC − DW Tube of 25 SN74HC241DW HC241 SOIC − DW Reel of 2000 SN74HC241DWR HC241 −40 °C to 85°C SOP − NS Reel of 2000 SN74HC241NSR HC241 −40 C to 85 C Reel of 70 SN74HC241PW TSSOP − PW Reel of 2000 SN74HC241PWR HC241 TSSOP − PW Reel of 250 SN74HC241PWT HC241 CDIP − J Tube of 20 SNJ54HC241J SNJ54HC241J −55 °C to 125°C CFP − W Tube of 85 SNJ54HC241W SNJ54HC241W −55 C to 125 C LCCC − FK Tube of 55 SNJ54HC241FK SNJ54HC241FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN74HC241DWRG4 |
|
Similar Description - SN74HC241DWRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |