Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC4060PWRE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC4060PWRE4
Description  14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC4060PWRE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC4060PWRE4 Datasheet HTML 1Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 2Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 3Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 4Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 5Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 6Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 7Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 8Page - Texas Instruments SN74HC4060PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SN54HC4060, SN74HC4060
14STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SCLS161D − DECEMBER 1982 − REVISED SEPTEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each buffer)
INPUTS
FUNCTION
CLK
CLR
FUNCTION
L
No change
L
Advance to next stage
X
H
All outputs L
logic diagram (positive logic)
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
R
T
R
T
R
T
R
T
R
T
R
T
R
T
R
T
614
13
15
1
2
3
11
CLKI
QI
QL
QM
QN
QG
QH
QJ
R
T
4
QF
R
T
R
T
R
T
R
T
R
T
75
QD
QE
12
CLR
9
10
CLKO
CLKO
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - SN74HC4060PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4060PWRE4 TI-SN74HC4060PWRE4 Datasheet
705Kb / 23P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
More results

Similar Description - SN74HC4060PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4060-Q1 TI1-SN74HC4060-Q1 Datasheet
549Kb / 13P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060 Datasheet
176Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Texas Instruments
SN54HC4061 TI-SN54HC4061 Datasheet
113Kb / 5P
[Old version datasheet]   ASYNCHRONOUS 14-STAGE BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI-SN54HC4060 Datasheet
111Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN54HC4060 TI-SN54HC4060_06 Datasheet
705Kb / 23P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SN74HC4060 TI-SN74HC4060 Datasheet
406Kb / 13P
[Old version datasheet]   12-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
logo
Unisonic Technologies
U74HC4060 UTC-U74HC4060_15 Datasheet
209Kb / 6P
   14-STAGE ASYNCHRONOUS BINARY COUNTERS
logo
Texas Instruments
SN54HC4020 TI-SN54HC4020 Datasheet
540Kb / 16P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_08 Datasheet
823Kb / 19P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
SN54HC4020 TI-SN54HC4020_07 Datasheet
682Kb / 18P
[Old version datasheet]   14-BIT ASYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com