Electronic Components Datasheet Search |
|
SMAJ85A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
SMAJ85A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 4 page RATING AND CHARACTERISTIC CURVES (SMAJ SERIES) FIG.1-PEAK PULSE POWER DERATING CURVE 0.1 s 1.0 s 10 s 100 s 1.0ms 10ms µ µ µ µ 0.1 1.0 10 100 td, PULSE WIDTH, sec. Non-Repetitive Pulse Waveform Shown in Fig. 3 T =25 C A FIG.2-PULSE DERATING CURVE T , AMBIENT TEMPERATURE ( C) A 0 25 50 75 100 125 150 175 0 25 50 75 100 FIG.3-PULSE WAVE FORM FIG.4-TYPICAL JUNCTION CAPACITANCE 0 1.0 2.0 3.0 4.0 t, TIME, ms 0 50 100 150 td e-kt tf=10 s Peak Value I µ PPM Half Value-IPPM 2 10/1000 sec Waveform as Defined by R.E.A. µ T =25 C Pulse Width (td) is defined as the point where the Peak Current Deacys to 50% of Ipp A 1.0 2.0 5.0 10 20 50 100 200 V(BR), BREAKDOWN VOLTAGE, VOLTS 100 200 500 10 20 50 1,000 2,000 5,000 10,000 Measured at Stand-Off Voltage(V ) MW Measued at Zero Bias T =25 C f=1.0MHz Vsig=50mVp-p J FIG.5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 1 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz 10 20 40 60 80 100 T =T max 8.3ms Single Half Sine-wave JEDEC Method J J 5.0mm COPPER PAD AREAS 2 |
Similar Part No. - SMAJ85A |
|
Similar Description - SMAJ85A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |