Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC37C669 Datasheet(PDF) 6 Page - SMSC Corporation

Part # FDC37C669
Description  PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C669 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button FDC37C669 Datasheet HTML 2Page - SMSC Corporation FDC37C669 Datasheet HTML 3Page - SMSC Corporation FDC37C669 Datasheet HTML 4Page - SMSC Corporation FDC37C669 Datasheet HTML 5Page - SMSC Corporation FDC37C669 Datasheet HTML 6Page - SMSC Corporation FDC37C669 Datasheet HTML 7Page - SMSC Corporation FDC37C669 Datasheet HTML 8Page - SMSC Corporation FDC37C669 Datasheet HTML 9Page - SMSC Corporation FDC37C669 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
QFP/
TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
HOST PROCESSOR INTERFACE
48-51
53-56
Data Bus 0-7
D0-D7
I/O24
The data bus connection used by the host
microprocessor to transmit data to and from
the chip.
These pins are in a high-
impedance state when not in the output
mode.
44
nI/O Read
nIOR
I
This active low signal is issued by the host
microprocessor to indicate a read operation.
45
nI/O Write
nIOW
I
This active low signal is issued by the host
microprocessor to indicate a write operation.
46
Address Enable
AEN
I
Active high Address Enable indicates DMA
operations on the host data bus.
Used
internally to qualify appropriate address
decodes.
28-34
41-43,
97
I/O Address
A0-A10
I
These host address bits determine the I/O
address to be accessed during nIOR and
nIOW cycles.
These bits are latched
internally by the leading edge of nIOR and
nIOW. All internal address decodes use the
full A0 to A10 address bits.
21,52,
99
DMA Request
A, B, C
DRQ_A
DRQ_B
DRQ_C
O24
This active high output is the DMA request
for byte transfers of data between the host
and the chip. This signal is cleared on the
last byte of the data transfer by the nDACK
signal going low (or by nIOR going low if
nDACK was already low as in demand
mode).
22,36,
96
nDMA
Acknowledge
A, B, C
nDACK_A
nDACK_B
nDACK_C
I
An active low input acknowledging the
request for a DMA transfer of data between
the host and the chip.
This input enables
the DMA read or write internally.
35
Terminal Count
TC
I
This signal indicates to the chip that DMA
data transfer is complete.
TC is only
accepted when nDACK_x is low. In AT and
PS/2 model 30 modes, TC is active high
and in PS/2 mode, TC is active low.


Similar Part No. - FDC37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
Agilent(Hewlett-Packard...
FDC37C669FR HP-FDC37C669FR Datasheet
374Kb / 25P
   Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
More results

Similar Description - FDC37C669

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37N769 SMSC-FDC37N769 Datasheet
720Kb / 138P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT FOR PORTABLE APPLICATIONS
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
SMSC Corporation
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
FDC37N769 SMSC-FDC37N769_07 Datasheet
669Kb / 137P
   3.3V Super I/O Controller with Infrared Support for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com