Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH895NP-391K Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH895NP-391K
Description  PIN Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH895NP-391K Datasheet(HTML) 3 Page - Sumida Corporation

  RCH895NP-391K Datasheet HTML 1Page - Sumida Corporation RCH895NP-391K Datasheet HTML 2Page - Sumida Corporation RCH895NP-391K Datasheet HTML 3Page - Sumida Corporation RCH895NP-391K Datasheet HTML 4Page - Sumida Corporation RCH895NP-391K Datasheet HTML 5Page - Sumida Corporation RCH895NP-391K Datasheet HTML 6Page - Sumida Corporation RCH895NP-391K Datasheet HTML 7Page - Sumida Corporation RCH895NP-391K Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3 of 8
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-895
※1: Inductance Measuring frequency : 2.5μH ~ 9.2μH at 7.96MHz; 10μH ~ 82μH at 2.52MHz;100μH ~ 47 mH
at 1 kHz
※2: Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
※3: Temperature rise current: The DC current at which the temperature rise is △t=20℃.(Ta=20℃).
Electrical Characteristics
31m
38m
96.4
47mH
± 10%
473K
RCH895NP-473K
35m
42m
74.2
39mH
± 10%
393K
RCH895NP-393K
37m
48m
64.2
33mH
± 10%
333K
RCH895NP-333K
39m
52m
55.7
27mH
± 10%
273K
RCH895NP-273K
42m
59m
44.9
22mH
± 10%
223K
RCH895NP-223K
48m
66m
38.9
18mH
± 10%
183K
RCH895NP-183K
57m
68m
29.1
15mH
± 10%
153K
RCH895NP-153K
59m
73m
25.0
12mH
± 10%
123K
RCH895NP-123K
62m
89m
22.0
10mH
± 10%
103K
RCH895NP-103K
75m
0.10
15.3
8.2mH
± 10%
822K
RCH895NP-822K
80m
0.11
13.2
6.8mH
± 10%
682K
RCH895NP-682K
86m
0.12
11.5
5.6mH
± 10%
562K
RCH895NP-562K
0.10
0.13
7.89
4.7mH
± 10%
472K
RCH895NP-472K
0.11
0.14
6.84
3.9mH
± 10%
392K
RCH895NP-392K
0.12
0.15
6.16
3.3mH
± 10%
332K
RCH895NP-332K
0.14
0.17
4.94
2.7mH
± 10%
272K
RCH895NP-272K
0.15
0.19
4.21
2.2mH
± 10%
222K
RCH895NP-222K
0.17
0.21
3.21
1.8mH
± 10%
182K
RCH895NP-182K
0.18
0.23
2.80
1.5mH
± 10%
152K
RCH895NP-152K
0.21
0.27
2.10
1.2mH
± 10%
122K
RCH895NP-122K
0.22
0.30
1.84
1.0mH
± 10%
102K
RCH895NP-102K
Temperature
rise current
(A)
※3
Saturation
Current
(A)
※ 2
D.C.R
[ Max.] ( )
(at20
℃)
Inductance
(mH )
[ Within ]
※1
Stamp
Part Name


Similar Part No. - RCH895NP-391K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH895NP-391K SUMIDA-RCH895NP-391K Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH895NP-391K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com