Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH895NP-560K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH895NP-560K
Description  PIN Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH895NP-560K Datasheet(HTML) 2 Page - Sumida Corporation

  RCH895NP-560K Datasheet HTML 1Page - Sumida Corporation RCH895NP-560K Datasheet HTML 2Page - Sumida Corporation RCH895NP-560K Datasheet HTML 3Page - Sumida Corporation RCH895NP-560K Datasheet HTML 4Page - Sumida Corporation RCH895NP-560K Datasheet HTML 5Page - Sumida Corporation RCH895NP-560K Datasheet HTML 6Page - Sumida Corporation RCH895NP-560K Datasheet HTML 7Page - Sumida Corporation RCH895NP-560K Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-895
Electrical Characteristics
0.24
0.32
1.57
820
μH ± 10%
821K
RCH895NP-821K
0.27
0.35
1.18
680
μH ± 10%
681K
RCH895NP-681K
0.30
0.40
1.01
560
μH ± 10%
561K
RCH895NP-561K
0.32
0.43
0.89
470
μH ± 10%
471K
RCH895NP-471K
0.37
0.48
0.69
390
μH ± 10%
391K
RCH895NP-391K
0.39
0.51
0.61
330
μH ± 10%
331K
RCH895NP-331K
0.41
0.57
0.53
270
μH ± 10%
271K
RCH895NP-271K
0.50
0.64
0.38
220
μH ± 10%
221K
RCH895NP-221K
0.54
0.71
0.31
180
μH ± 10%
181K
RCH895NP-181K
0.61
0.74
0.27
150
μH ± 10%
151K
RCH895NP-151K
0.67
0.82
0.22
120
μH ± 10%
121K
RCH895NP-121K
0.72
0.90
0.19
100
μH ± 10%
101K
RCH895NP-101K
0.76
1.0
0.16
82
μH ± 10%
820K
RCH895NP-820K
0.81
1.1
0.14
68
μH ± 10%
680K
RCH895NP-680K
0.90
1.2
0.11
56
μH ± 10%
560K
RCH895NP-560K
0.99
1.3
0.10
47
μH ± 10%
470K
RCH895NP-470K
1.1
1.4
0.08
39
μH ± 10%
390K
RCH895NP-390K
1.1
1.4
0.07
33
μH ± 10%
330K
RCH895NP-330K
1.3
1.6
0.06
27
μH ± 10%
270K
RCH895NP-270K
1.4
1.7
0.06
22
μH ± 10%
220K
RCH895NP-220K
1.6
2.0
0.05
18
μH ± 10%
180K
RCH895NP-180K
1.8
2.1
0.05
15
μH ± 10%
150K
RCH895NP-150K
1.9
2.6
0.04
12
μH ± 20%
120M
RCH895NP-120M
2.0
2.6
0.04
10
μH ± 20%
100M
RCH895NP-100M
2.1
2.7
24.1m
9.2
μH ± 20%
9R2M
RCH895NP-9R2M
2.2
2.9
22.4m
7.7
μH ± 20%
7R7M
RCH895NP-7R7M
2.3
3.2
20.8m
6.5
μH ± 20%
6R5M
RCH895NP-6R5M
2.4
3.4
20.2m
5.5
μH ± 20%
5R5M
RCH895NP-5R5M
2.5
3.7
18.5m
4.6
μH ± 20%
4R6M
RCH895NP-4R6M
2.7
4.1
16.4m
3.8
μH ± 20%
3R8M
RCH895NP-3R8M
2.9
4.5
15.3m
3.2
μH ± 20%
3R2M
RCH895NP-3R2M
3.2
5.0
13.7m
2.5
μH ± 20%
2R5M
RCH895NP-2R5M
Temperature
rise current
(A)
※3
Saturation
Current
( A )
※2
D.C.R
[ Max. ] ( )
(at20
℃)
Inductance
(µH)
[ Within ]
※1
Stamp
Part Name


Similar Part No. - RCH895NP-560K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH895NP-560K SUMIDA-RCH895NP-560K Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH895NP-560K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com