Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH106NP-821K Datasheet(PDF) 2 Page - Sumida Corporation

Part # RCH106NP-821K
Description  PIN Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH106NP-821K Datasheet(HTML) 2 Page - Sumida Corporation

  RCH106NP-821K Datasheet HTML 1Page - Sumida Corporation RCH106NP-821K Datasheet HTML 2Page - Sumida Corporation RCH106NP-821K Datasheet HTML 3Page - Sumida Corporation RCH106NP-821K Datasheet HTML 4Page - Sumida Corporation RCH106NP-821K Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-106
Electrical Characteristics
※1: Inductance measuring condition: 1.0μH ~ 7.8μH
at 7.96MHz
10
μH ~ 1.0mH
at 1kHz
※2: The rated current indicates the lower value of current when the inductance is 10% lower than its initial value at D.C.
superposition or the temperature of coil rises 40
℃ with D.C. current passing. (Ta=20℃)
0.36
3.2
1.0 mH
± 10 %
102K
RCH106NP-102K
0.40
2.6
820
μH ± 10 %
821K
RCH106NP-821K
0.43
2.2
680
μH ± 10 %
681K
RCH106NP-681K
0.48
1.9
560
μH ± 10 %
561K
RCH106NP-561K
0.52
1.5
470
μH ± 10 %
471K
RCH106NP-471K
0.57
1.3
390
μH ± 10 %
391K
RCH106NP-391K
0.62
1.1
330
μH ± 10 %
331K
RCH106NP-331K
0.69
0.92
270
μH ± 10 %
271K
RCH106NP-271K
0.76
0.78
220
μH ± 10 %
221K
RCH106NP-221K
0.84
0.56
180
μH ± 10 %
181K
RCH106NP-181K
1.0
0.50
150
μH ± 10 %
151K
RCH106NP-151K
1.2
0.38
120
μH ± 10 %
121K
RCH106NP-121K
1.3
0.32
100
μH ± 10 %
101K
RCH106NP-101K
1.3
0.29
82
μH ± 10 %
820K
RCH106NP-820K
1.4
0.22
68
μH ± 10 %
680K
RCH106NP-680K
1.5
0.19
56
μH ± 10 %
560K
RCH106NP-560K
1.7
0.16
47
μH ± 10 %
470K
RCH106NP-470K
1.8
0.14
39
μH ± 10 %
390K
RCH106NP-390K
2.0
0.11
33
μH ± 10 %
330K
RCH106NP-330K
2.2
0.10
27
μH ± 20 %
270M
RCH106NP-270M
2.4
0.088
22
μH ± 20 %
220M
RCH106NP-220M
2.7
0.064
18
μH ± 20 %
180M
RCH106NP-180M
2.9
0.058
15
μH ± 20 %
150M
RCH106NP-150M
3.3
0.044
12
μH ± 20 %
120M
RCH106NP-120M
3.6
0.040
10
μH ± 20 %
100M
RCH106NP-100M
3.9
24.8m
7.8
μH ± 20 %
7R8M
RCH106NP-7R8M
4.2
23.1m
6.3
μH ± 20 %
6R3M
RCH106NP-6R3M
4.6
19.6m
5.1
μH ± 20 %
5R1M
RCH106NP-5R1M
5.7
13.8m
3.6
μH ± 20 %
3R6M
RCH106NP-3R6M
6.0
11.8m
2.8
μH ± 20 %
2R8M
RCH106NP-2R8M
7.4
8.0m
1.8
μH ± 20 %
1R8M
RCH106NP-1R8M
8.0
6.9m
1.2
μH ± 30 %
1R2N
RCH106NP-1R2N
9.3
5.0m
1.0
μH ± 30 %
1R0N
RCH106NP-1R0N
RATED
CURRENT
(
A) ※2
D.C.R.
(
Ω)
[MAX.]
(at20
℃)
INDUCTANCE
[WITHIN]
※1
STAMP
PART NO


Similar Part No. - RCH106NP-821K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH106NP-821K SUMIDA-RCH106NP-821K Datasheet
75Kb / 2P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH106NP-821K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com