Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEP125NP-3R2MC-U Datasheet(PDF) 2 Page - Sumida Corporation

Part # CEP125NP-3R2MC-U
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEP125NP-3R2MC-U Datasheet(HTML) 2 Page - Sumida Corporation

  CEP125NP-3R2MC-U Datasheet HTML 1Page - Sumida Corporation CEP125NP-3R2MC-U Datasheet HTML 2Page - Sumida Corporation CEP125NP-3R2MC-U Datasheet HTML 3Page - Sumida Corporation CEP125NP-3R2MC-U Datasheet HTML 4Page - Sumida Corporation CEP125NP-3R2MC-U Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 1-Sep-15
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CEP125
Electrical Characteristics - 2
7.6
6.6
7.8
13.5(11.2)
7.2
μH±20%
7R2MH
CEP125NP-7R2MC-H
8.2
7.7
8.8
11.4(9.5)
5.6
μH±20%
5R6MH
CEP125NP-5R6MC-H
9.9
8.6
10.3
8.0(6.6)
4.0
μH±20%
4R0MH
CEP125NP-4R0MC-H
12.5
10.2
12.3
5.4(4.5)
2.8
μH±20%
2R8MH
CEP125NP-2R8MC-H
15.5
12.9
15.3
3.4(2.8)
1.8
μH±20%
1R8MH
CEP125NP-1R8MC-H
16.5
17.4
20.0
2.5(2.1)
1.0
μH±20%
1R0MH
CEP125NP-1R0MC-H
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
7.6
7.8
9.5
13.5(11.2)
5.6
μH±20%
5R6MU
CEP125NP-5R6MC-U
8.2
9.1
11.0
11.4(9.5)
4.3
μH±20%
4R3MU
CEP125NP-4R3MC-U
9.9
10.9
12.8
8.0(6.6)
3.2
μH±20%
3R2MU
CEP125NP-3R2MC-U
12.5
12.8
14.8
5.4(4.5)
2.2
μH±20%
2R2MU
CEP125NP-2R2MC-U
15.5
16.4
19.2
3.4(2.8)
1.4
μH±20%
1R4MU
CEP125NP-1R4MC-U
16.5
21.8
25.7
2.5(2.1)
0.8
μH±30%
0R8NU
CEP125NP-0R8NC-U
18.5
32.0
35.0
1.8(1.5)
0.35
μH±30%
0R3NU
CEP125NP-0R3NC-U
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
SATURATION
CURRENT ( A )
※2
D.C.R. (m
Ω)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN]※1
STAMP
PART NO.
Electrical Characteristics - 3
※1. Measuring condition: at 100kHz.
※2. Saturation current :The value of D.C. current when the inductance decreases to 65% (while the
tolerance is
±30%) or 75% (while the tolerance is±20%) of it’s nominal.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
7.6
4.6
5.0
13.5(11.2)
10.0
μH±20%
100M
CEP125NP-100MC
8.2
5.1
5.8
11.4(9.5)
8.2
μH±20%
8R2M
CEP125NP-8R2MC
9.9
5.8
6.7
8.0(6.6)
6.0
μH±20%
6R0M
CEP125NP-6R0MC
12.5
7.2
8.3
5.4(4.5)
4.0
μH±20%
4R0M
CEP125NP-4R0MC
15.5
8.8
10.0
3.4(2.8)
2.5
μH±20%
2R5M
CEP125NP-2R5MC
16.5
11.8
14.0
2.5(2.1)
1.5
μH±20%
1R5M
CEP125NP-1R5MC
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
(A)
※3
SATURATION
CURRENT(A)
※2
D.C.R. (m
Ω)
[MAX.] (Typ.)
(at 20
℃)
INDUCTANCE
[WITHIN ] ※1
STAMP
PART NO.
Electrical Characteristics - 1


Similar Part No. - CEP125NP-3R2MC-U

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEP125N15 CET-MOS-CEP125N15 Datasheet
424Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2020.Mar
More results

Similar Description - CEP125NP-3R2MC-U

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com