Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCT652NT Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HCT652NT
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT652NT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCT652NT Datasheet HTML 2Page - Texas Instruments SN74HCT652NT Datasheet HTML 3Page - Texas Instruments SN74HCT652NT Datasheet HTML 4Page - Texas Instruments SN74HCT652NT Datasheet HTML 5Page - Texas Instruments SN74HCT652NT Datasheet HTML 6Page - Texas Instruments SN74HCT652NT Datasheet HTML 7Page - Texas Instruments SN74HCT652NT Datasheet HTML 8Page - Texas Instruments SN74HCT652NT Datasheet HTML 9Page - Texas Instruments SN74HCT652NT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN54HCT652, SN74HCT652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS179D – MARCH 1984 – REVISED MARCH 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT652
SN74HCT652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
4.5 V
25
35
17
20
MHz
fmax
5.5 V
28
40
19
22
MHz
CLKBA or CLKAB
AorB
4.5 V
18
36
54
45
CLKBA or CLKAB
A or B
5.5 V
16
32
49
41
t d
AorB
BorA
4.5 V
14
27
41
34
ns
tpd
A or B
B or A
5.5 V
12
24
37
31
ns
SBA
SAB†
AorB
4.5 V
20
38
57
48
SBA or SAB†
A or B
5.5 V
17
34
51
43
t
OEBA
OEAB
AorB
4.5 V
25
49
74
61
ns
ten
OEBA or OEAB
A or B
5.5 V
22
44
67
55
ns
tdi
OEBA
OEAB
AorB
4.5 V
25
49
74
61
ns
tdis
OEBA or OEAB
A or B
5.5 V
22
44
67
55
ns
tt
Any
4.5 V
9
12
18
15
ns
tt
Any
5.5 V
7
11
16
14
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT652
SN74HCT652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
CLKBA or CLKAB
AorB
4.5 V
24
53
80
66
CLKBA or CLKAB
A or B
5.5 V
22
47
72
60
t d
AorB
BorA
4.5 V
22
44
70
55
ns
tpd
A or B
B or A
5.5 V
20
39
60
50
ns
SBA
SAB†
AorB
4.5 V
26
55
83
69
SBA or SAB†
A or B
5.5 V
24
49
74
62
t
OEBA
OEAB
AorB
4.5 V
33
66
100
82
ns
ten
OEBA or OEAB
A or B
5.5 V
30
59
90
74
ns
tt
Any
4.5 V
17
42
63
53
ns
tt
Any
5.5 V
14
38
57
48
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
50
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74HCT652NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT652NT TI-SN74HCT652NT Datasheet
152Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HCT652NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com