Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3600 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSDL-3600
Description  IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3600 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSDL-3600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3
I/O Pins Configuration Table
Pin
Description
Symbol
1
Supply Voltage
Vcc
2
Analog Ground
AGND
3
FIR Select
FIR_SEL
4
Mode 0
MD0
5
Mode 1
MD1
6
No Connection
NC
7
Ground
GND
8
Receiver Data Output
RXD
9
Transmitter Data Input
TXD
10
LED Anode
LEDA
Transceiver Control Truth Table
Mode 0
Mode 1
FIR_SEL
RX Function
TX Function
1
0
X
Shutdown
Shutdown
0
0
0
SIR
Full Distance Power
0
1
0
SIR
2/3 Distance Power
1
1
0
SIR
1/3 Distance Power
0
0
1
MIR/FIR
Full Distance Power
0
1
1
MIR/FIR
2/3 Distance Power
1
1
1
MIR/FIR
1/3 Distance Power
X = Don’t Care
Transceiver I/O Truth Table
Transceiver
Inputs
Outputs
Mode
FIR_SEL
TXD
EI
LED
RXD
Active
X
1
X
On
Not Valid
Active
0
0
High[1]
Off
Low[3]
Active
1
0
High[2]
Off
Low[3]
Active
X
0
Low
Off
High
Shutdown
X
X[4]
Low
Not Valid
Not Valid
X= Don’t Care
EI = In-Band Infrared Intensity at detector
Notes :
1. In-Band EI
≤ 115.2 kb/s and FIR_SEL = 0.
2. In-Band EI
≥ 0.576 Mb/s and FIR_SEL = 1.
3. Logic Low is a pulsed response. The condition is maintained for duration dependent on the pattern and strength of the incident
intensity.
4. To maintain low shutdown current, TXD needs to be driven high or low and not left floating.
87
6
5
432
1
9
10
87
6
5
432
1
9
10
BACK VIEW (HSDL-3600 #007/#017)
BOTTOM VIEW (HSDL-3600 #008/#018)
Functional Block Diagram
TXD (9)
MD0 (4)
MD1 (5)
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
R1
VCC
SP
HSDL-3600
CX1
CX2
LEDA (10)


Similar Part No. - HSDL-3600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
More results

Similar Description - HSDL-3600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com