Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH4D28NP-8R2NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D28NP-8R2NC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D28NP-8R2NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D28NP-8R2NC Datasheet HTML 1Page - Sumida Corporation CDRH4D28NP-8R2NC Datasheet HTML 2Page - Sumida Corporation CDRH4D28NP-8R2NC Datasheet HTML 3Page - Sumida Corporation CDRH4D28NP-8R2NC Datasheet HTML 4Page - Sumida Corporation CDRH4D28NP-8R2NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH4D28
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Rated current: The DC current at which the inductance decreases to 65% of its nominal value or when △t=40℃,
whichever is lower (Ta=20
℃).
0.22
1.54(1.23)
180
±30%
181
CDRH4D28NP-181NC
0.24
1.35(1.08)
150
±30%
151
CDRH4D28NP-151NC
0.27
1.27(976.8m)
120
±30%
121
CDRH4D28NP-121NC
0.29
1.02(765.8m)
100
±30%
101
CDRH4D28NP-101NC
0.32
914.8m(677.6m)
82
±30%
820
CDRH4D28NP-820NC
0.35
699.0m(517.8m)
68
±30%
680
CDRH4D28NP-680NC
0.41
624.5m(462.6m)
56
±30%
560
CDRH4D28NP-560NC
0.48
587.0m(435.0m)
47
±30%
470
CDRH4D28NP-470NC
0.50
383.7m(284.2m)
39
±30%
390
CDRH4D28NP-390NC
0.56
331.3m(254.8m)
33
±30%
330
CDRH4D28NP-330NC
0.58
261.0m(193.3m)
27
±30%
270
CDRH4D28NP-270NC
0.70
235.0m(174.5m)
22
±30%
220
CDRH4D28NP-220NC
0.72
166.0m(123.0m)
18
±30%
180
CDRH4D28NP-180NC
0.76
149.0m(110.4m)
15
±30%
150
CDRH4D28NP-150NC
0.84
131.6m(97.5m)
12
±30%
120
CDRH4D28NP-120NC
1.00
128.3m(95.0m)
10
±30%
100
CDRH4D28NP-100NC
1.04
117.5m(87.0m)
8.2
±30%
8R2
CDRH4D28NP-8R2NC
1.12
108.9m(80.7m)
6.8
±30%
6R8
CDRH4D28NP-6R8NC
1.17
100.9m(74.7m)
5.6
±30%
5R6
CDRH4D28NP-5R6NC
1.32
72.0m(53.3m)
4.7
±30%
4R7
CDRH4D28NP-4R7NC
1.44
64.8m(48.0m)
3.9
±30%
3R9
CDRH4D28NP-3R9NC
1.57
49.2m(36.4m)
3.3
±30%
3R3
CDRH4D28NP-3R3NC
1.60
43.3m(32.1m)
2.7
±30%
2R7
CDRH4D28NP-2R7NC
2.04
31.3m(23.2m)
2.2
±30%
2R2
CDRH4D28NP-2R2NC
2.20
27.5m(20.4m)
1.8
±30%
1R8
CDRH4D28NP-1R8NC
2.56
23.6m(17.5m)
1.2
±30%
1R2
CDRH4D28NP-1R2NC
Rated Current
(A)
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part No.


Similar Part No. - CDRH4D28NP-8R2NC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CDRH4D28NP-2R2NC TOSHIBA-CDRH4D28NP-2R2NC Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
More results

Similar Description - CDRH4D28NP-8R2NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com