Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH2D16LDNP-3R9NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH2D16LDNP-3R9NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH2D16LDNP-3R9NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH2D16LDNP-3R9NC Datasheet HTML 1Page - Sumida Corporation CDRH2D16LDNP-3R9NC Datasheet HTML 2Page - Sumida Corporation CDRH2D16LDNP-3R9NC Datasheet HTML 3Page - Sumida Corporation CDRH2D16LDNP-3R9NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH2D16/LD
Electrical Characteristics
※1 Inductance measuring condition: at 100 kHz.
※2 Saturation current: The DC current at which the inductance decreases to 65% of it's nominal value.
※3 Temperature rise current: The DC current at which the temperature rise is △T=40℃.(Ta=20℃)
0.53
0.18
0.26
466(373)
27.0
±30%
N
CDRH2D16LDNP-270NC
0.60
0.21
0.28
418(335)
22.0
±30%
M
CDRH2D16LDNP-220NC
0.73
0.23
0.32
316(252)
18.0
±30%
L
CDRH2D16LDNP-180NC
0.81
0.26
0.35
248(198)
15.0
±30%
K
CDRH2D16LDNP-150NC
0.85
0.28
0.39
223(179)
12.0
±30%
J
CDRH2D16LDNP-120NC
0.92
0.30
0.42
195(156)
10.0
±30%
I
CDRH2D16LDNP-100NC
0.95
0.33
0.45
171(137)
8.2
±30%
H
CDRH2D16LDNP-8R2NC
1.00
0.35
0.50
158(127)
6.8
±30%
G
CDRH2D16LDNP-6R8NC
1.25
0.40
0.57
123(98)
5.6
±30%
F
CDRH2D16LDNP-5R6NC
1.32
0.45
0.62
101(81)
4.7
±30%
E
CDRH2D16LDNP-4R7NC
1.60
0.48
0.70
75(60)
3.9
±30%
D
CDRH2D16LDNP-3R9NC
1.74
0.52
0.72
67(54)
3.3
±30%
C
CDRH2D16LDNP-3R3NC
1.90
0.60
0.82
61(49)
2.7
±30%
B
CDRH2D16LDNP-2R7NC
2.20
0.65
0.86
47(38)
2.2
±30%
A
CDRH2D16LDNP-2R2NC
at100
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(
A) ※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH2D16LDNP-3R9NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH2D16LDNP-3R9N SUMIDA-CDRH2D16LDNP-3R9N Datasheet
148Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH2D16LDNP-3R9NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com