Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCH245ADBRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH245ADBRE4
Description  Octal Bus Transceivers With 3-State Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH245ADBRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVCH245ADBRE4 Datasheet HTML 1Page - Texas Instruments SN74LVCH245ADBRE4 Datasheet HTML 2Page - Texas Instruments SN74LVCH245ADBRE4 Datasheet HTML 3Page - Texas Instruments SN74LVCH245ADBRE4 Datasheet HTML 4Page - Texas Instruments SN74LVCH245ADBRE4 Datasheet HTML 5Page - Texas Instruments SN74LVCH245ADBRE4 Datasheet HTML 6Page - Texas Instruments SN74LVCH245ADBRE4 Datasheet HTML 7Page - Texas Instruments SN74LVCH245ADBRE4 Datasheet HTML 8Page - Texas Instruments SN74LVCH245ADBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
DIR
OE
A1
B1
To Seven Other Channels
1
2
19
18
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54LVCH245A, SN74LVCH245A
SCES008P – JULY 1995 – REVISED JULY 2014
SNx4LVCH245A Octal Bus Transceivers With 3-State Outputs
1 Features
2 Applications
1
Operate From 1.65 V to 3.6 V
Servers
Inputs Accept Voltages to 5.5 V
PCs and Notebooks
Max tpd of 6.3 ns at 3.3 V
Network Switches
Typical VOLP (Output Ground Bounce)
Wearable Health and Wellness Devices
<0.8 V at VCC = 3.3 V, TA = 25°C
Telecom Infrastructures
Typical VOHV (Output VOH Undershoot)
Electronic Points of Sale
>2 V at VCC = 3.3 V, TA = 25°C
3 Description
Support Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
The
SN54LVCH245A
octal
bus
transceiver
is
3.3-V VCC)
designed for 2.7-V to 3.6-V VCC operation, and the
SN74LVCH245A octal bus transceiver is designed for
Ioff Supports Live Insertion, Partial-Power-Down
1.65-V to 3.6-V VCC operation. Inputs can be driven
Mode, and Back-Drive Protection
from either 3.3-V or 5-V devices. This feature allows
Bus Hold on Data Inputs Eliminates the Need for
the use of these devices as translators in a mixed
External Pullup or Pulldown Resistors
3.3-V/5-V system environment.
Latch-Up Performance Exceeds 250 mA Per
Device Information(1)
JESD 17
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ESD Protection Exceeds JESD 22
SSOP (20)
7.20 mm × 5.30 mm
2000-V Human-Body Model (A114-A)
TVSOP (20)
5.00 mm × 4.40 mm
200-V Machine Model (A115-A)
SNx4LVCH245A
SOIC (20)
12.80 mm × 7.50 mm
On Products Compliant to MIL-PRF-38535,
SSOP (20)
12.60 mm × 5.30 mm
All Parameters Are Tested Unless Otherwise
TSSOP (20)
6.50 mm × 4.40 mm
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
of All Parameters.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVCH245ADBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH245ADBRE4 TI-SN74LVCH245ADBRE4 Datasheet
1Mb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVCH245ADBRE4 TI-SN74LVCH245ADBRE4 Datasheet
1Mb / 28P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH245ADBRE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com