Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G66DRL Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G66DRL
Description  SN74LVC1G66 Single Bilateral Analog Switch
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G66DRL Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G66DRL Datasheet HTML 1Page - Texas Instruments SN74LVC1G66DRL Datasheet HTML 2Page - Texas Instruments SN74LVC1G66DRL Datasheet HTML 3Page - Texas Instruments SN74LVC1G66DRL Datasheet HTML 4Page - Texas Instruments SN74LVC1G66DRL Datasheet HTML 5Page - Texas Instruments SN74LVC1G66DRL Datasheet HTML 6Page - Texas Instruments SN74LVC1G66DRL Datasheet HTML 7Page - Texas Instruments SN74LVC1G66DRL Datasheet HTML 8Page - Texas Instruments SN74LVC1G66DRL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
B
C
A
1
4
2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G66
SCES323P – JUNE 2001 – REVISED MARCH 2016
SN74LVC1G66 Single Bilateral Analog Switch
1
1 Features
1
Available in the Texas Instruments NanoFree™
Package
1.65-V to 5.5-V VCC Operation
Inputs Accept Voltages to 5.5 V
Max tpd of 0.8 ns at 3.3 V
High On-Off Output Voltage Ratio
High Degree of Linearity
High Speed, Typically 0.5 ns (VCC = 3 V,
CL = 50 pF)
Low ON-State Resistance, Typically
≉5.5 Ω (VCC
= 4.5 V)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
2 Applications
Wireless Devices
Audio and Video Signal Routing
Portable Computing
Wearable Devices
Signal Gating, Chopping, Modulation or
Demodulation (Modem)
Signal Multiplexing for Analog-to-Digital and
Digital-to-Analog Conversion Systems
3 Description
This single analog switch is designed for 1.65-V to
5.5-V VCC operation.
The SN74LVC1G66 device can handle analog and
digital
signals.
The
device
permits
bidirectional
transmission of signals with amplitudes of up to 5.5 V
(peak).
NanoFree
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
as the package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1G66DBV
SOT-23 (5)
2.90 mm × 1.60 mm
SN74LVC1G66DCK
SC70 (5)
2.00 mm × 1.25 mm
SN74LVC1G66DRL
SOT (5)
1.60 mm × 1.20 mm
SN74LVC1G66DRY
SON (6)
1.45 mm × 1.00 mm
SN74LVC1G66YZP
DSBGA (5)
1.39 mm × 0.89 mm
SN74LVC1G66DSF
SON (6)
1.00 mm x 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Logic Diagram (Positive Logic)


Similar Part No. - SN74LVC1G66DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66DRLR TI-SN74LVC1G66DRLR Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66DRLRG4 TI-SN74LVC1G66DRLRG4 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74LVC1G66DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com